Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

501SM Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # 501SM
Description  leds & indicators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

501SM Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  501SM Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCb
terminal
bloCks
inter-
ConneCtion
fuses &
fuse-
holders
leds &
indiCators
miniature
switChes
limit &
safety
switChes
Control
ProduCts
interfaCe
modules &
suPPorts
relay
bases
enClosures
batteries
trans-
formers
leds & indicators
+44 (0)1638 716101
info@camdenboss.com
www.camdenboss.com
We operate a constant improvement policy,
our products are subject to change without notice.
120
E L E C T RO N I C S & E NC LO S UR E S
Ver 1.0
501 sM series
• Press fit body for various
panel thicknesses, panel
cut-out 8mm diameter
• Stripped 10mm wire
termination 162mm long
as standard
• Neons 125-240V 0.8-1mA,
as standard
• Pin termination to order
• LED, Filament 6-28V
30-40mA to order
• Pin termination avalaible
on low voltage LED and
filament, lenses 1-3
• Polycarbonate lens/body
• Maximum working
temperature 105°C
• Red, green, amber lens
colour options as standard
• Other lens colour options
to order
• Three round lens styles
options as standard and one
square style to order
• Custom wire lengths and
specification to order
type no.
501 Series Indicator
Lens cylinder top-hat
Lens cylinder low profile
Lens cylinder tapered sides
Lens square low profile
Stripped wire 162mm long
Pin termination
LED, white cathode & black anode wires
Filament 6V 40mA, white wire
Filament 14V 40mA, yellow wire
Filament 24V 35mA, green wire
Filament 28V 30mA, green wire
Neon 125V 1mA, blue wire
Neon 240V 0.8mA, red wire
Transparent lens
Lens colour Red
Lens colour Green
Lens colour Amber
501
1
2
3
4
05
13
LED
640
1440
24
28
125
240
T
RED
GRN
AMB
501
xxx
x
xx -
- t /
xxxx
18.5
Ø8
6.00
Ø7.5
Ø8
10°
7
1
2
3
4
body dimensions
lens options
lenses 1-3 standard
5.5
1.78
2
504 05 series
• Snap fit body for panel
thicknesses 0.5-3.5mm,
panel cut-out 13mm diameter
• 6.3mm quick-connect
terminals as standard
• Stripped 6mm wire
termination 162mm long
to order
• Neons 125-240V 0.8-1mA,
as standard
• LED and Filament 6-48V
25-40mA, to order
• Polycarbonate lens/body and
brushed chrome bezel
• Maximum working
temperature 105°C
• Red, green, amber lens
colour options as standard
• Other lens colour options
to order
• Custom wire lengths and
specification to order
type no.
504 Series Indicator
Lens Type
6.3mm quick-connect terminal
Stripped wire 162mm long
LED, white cathode & black anode wires
Filament 6V 40mA, white wire
Filament 12V 40mA, yellow wire
Filament 14V 40mA, yellow wire
Filament 24V 35mA, green wire
Filament 28V 30mA, green wire
Filament 48V 25mA, green wire
Neon 125V 1mA, blue wire
Neon 240V 0.8mA, red wire
Transparent lens
Lens colour Red
Lens colour Green
Lens colour Amber
504
2
03
05
LED
640
1240
1440
24
28
48
125
240
T
RED
GRN
AMB
504
xxx
2
xx -
- t /
xxxx
dimensions


Similar Part No. - 501SM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
501S1103103XXXX VISHAY-501S1103103XXXX Datasheet
106Kb / 4P
(22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
29-Nov-17
501S1103220XXXX VISHAY-501S1103220XXXX Datasheet
106Kb / 4P
(22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
29-Nov-17
501S1103470XXXX VISHAY-501S1103470XXXX Datasheet
106Kb / 4P
(22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
29-Nov-17
501S1220103XXXX VISHAY-501S1220103XXXX Datasheet
106Kb / 4P
(22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
29-Nov-17
501S1220220XXXX VISHAY-501S1220220XXXX Datasheet
106Kb / 4P
(22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
29-Nov-17
More results

Similar Description - 501SM

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1163S2-RG MARKTECH-MT1163S2-RG Datasheet
66Kb / 1P
Packaged LEDS/PCB Mount Indicators
MT1164GS4-RG MARKTECH-MT1164GS4-RG Datasheet
75Kb / 1P
Packaged LEDS/PCB Mount Indicators?
MT1164S2-RG MARKTECH-MT1164S2-RG Datasheet
66Kb / 1P
Packaged LEDS/PCB Mount Indicators?
MT1164S3-RG MARKTECH-MT1164S3-RG Datasheet
66Kb / 1P
Packaged LEDS/PCB Mount Indicators
MTA1163-YG MARKTECH-MTA1163-YG Datasheet
65Kb / 1P
Packaged LEDS/PCB Mount Indicators
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A2-XX-XXXXX AVAGO-HSMX-A2-XX-XXXXX Datasheet
298Kb / 16P
Surface Mount LED Indicators, PLCC-4 SMT LEDs
logo
Omron Electronics LLC
K3HB OMRON-K3HB Datasheet
1Mb / 32P
Digital Indicators
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700-B00A1 AVAGO-HLMP-1700-B00A1 Datasheet
294Kb / 10P
Telecommunications indicators
logo
Copal Electronics
PZ-30 COPAL-PZ-30_16 Datasheet
139Kb / 7P
PRESSURE INDICATORS
logo
PHOENIX CONTACT
2891935 PHOENIX-2891935 Datasheet
71Kb / 4P
Local diagnostic indicators with LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com