Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

51233-LED Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # 51233-LED
Description  leds & indicators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

51233-LED Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  51233-LED Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCb
terminal
bloCks
inter-
ConneCtion
fuses &
fuse-
holders
leds &
indiCators
miniature
switChes
limit &
safety
switChes
Control
ProduCts
interfaCe
modules &
suPPorts
relay
bases
enClosures
batteries
trans-
formers
leds & indicators
+44 (0)1638 716101
info@camdenboss.com
www.camdenboss.com
We operate a constant improvement policy,
our products are subject to change without notice.
123
E L E C T RO N I C S & E NC LO S UR E S
Ver 1.0
512 33-led series
• Threaded body for panel
thicknesses 0.5-3.5mm,
panel cut-out
6.5mm diameter
• 3.2mm LED with pin
termination, anode pin
cut short
• Chrome plated brass body/
bezel, supplied with nut and
shakeproof washer
• Red, green, amber, and
blue lens colour options
as standard
• Maximum working
temperature 80°C
type no.
515 Series Indicator
Lens Type
Pin termination
LED, anode pin cut short
Transparent lens
Lens colour Red
Lens colour Green
Lens colour Amber
Lens colour Blue
512
1
13
LED
T
RED
GRN
AMB
BLU
512
xxx
1
13 -
- t /
led
513 34-led series
• Threaded body for panel
thicknesses 0.5-3.5mm,
panel cut-out
8.0mm diameter
• 5.0mm LED with pin
termination, anode pin
cut short
• Chrome plated brass body/
bezel, supplied with nut and
spring washer
• Red, green, amber, and
blue lens colour options
as standard
• Maximum working
temperature 80°C
type no.
515 Series Indicator
Lens Type
Pin termination
LED, anode pin cut short
Transparent lens
Lens colour Red
Lens colour Green
Lens colour Amber
Lens colour Blue
513
1
13
LED
T
RED
GRN
AMB
BLU
513
xxx
1
13 -
- t /
led
body dimensions
body dimensions
8
3
10
20
12
5


Similar Part No. - 51233-LED

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51233-1211 MOLEX7-51233-1211 Datasheet
356Kb / 6P
CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 12Circuits, Polarization Type Standard
51233-1212 MOLEX7-51233-1212 Datasheet
356Kb / 6P
CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 12Circuits, Polarization Type A, Polarization Position B-2
51233-1213 MOLEX7-51233-1213 Datasheet
356Kb / 6P
CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 12Circuits, Polarization Type B, Polarization Position B-3
51233-1214 MOLEX7-51233-1214 Datasheet
356Kb / 6P
CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 12Circuits, Polarization Type C, Polarization Position C-3
51233-1215 MOLEX7-51233-1215 Datasheet
356Kb / 6P
CRC??Shielded Rectangular I/O Receptacle Housing for Male Terminal, Signal, 12Circuits, Polarization Type D, Polarization Position A-2
More results

Similar Description - 51233-LED

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1163S2-RG MARKTECH-MT1163S2-RG Datasheet
66Kb / 1P
Packaged LEDS/PCB Mount Indicators
MT1164GS4-RG MARKTECH-MT1164GS4-RG Datasheet
75Kb / 1P
Packaged LEDS/PCB Mount Indicators?
MT1164S2-RG MARKTECH-MT1164S2-RG Datasheet
66Kb / 1P
Packaged LEDS/PCB Mount Indicators?
MT1164S3-RG MARKTECH-MT1164S3-RG Datasheet
66Kb / 1P
Packaged LEDS/PCB Mount Indicators
MTA1163-YG MARKTECH-MTA1163-YG Datasheet
65Kb / 1P
Packaged LEDS/PCB Mount Indicators
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A2-XX-XXXXX AVAGO-HSMX-A2-XX-XXXXX Datasheet
298Kb / 16P
Surface Mount LED Indicators, PLCC-4 SMT LEDs
logo
Omron Electronics LLC
K3HB OMRON-K3HB Datasheet
1Mb / 32P
Digital Indicators
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700-B00A1 AVAGO-HLMP-1700-B00A1 Datasheet
294Kb / 10P
Telecommunications indicators
logo
Copal Electronics
PZ-30 COPAL-PZ-30_16 Datasheet
139Kb / 7P
PRESSURE INDICATORS
logo
PHOENIX CONTACT
2891935 PHOENIX-2891935 Datasheet
71Kb / 4P
Local diagnostic indicators with LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com