Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1V Datasheet(PDF) 8 Page - IDEC Corporation

Part # RF1V
Description  Enables flexible construction of safety circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RF1V Datasheet(HTML) 8 Page - IDEC Corporation

  RF1V Datasheet HTML 1Page - IDEC Corporation RF1V Datasheet HTML 2Page - IDEC Corporation RF1V Datasheet HTML 3Page - IDEC Corporation RF1V Datasheet HTML 4Page - IDEC Corporation RF1V Datasheet HTML 5Page - IDEC Corporation RF1V Datasheet HTML 6Page - IDEC Corporation RF1V Datasheet HTML 7Page - IDEC Corporation RF1V Datasheet HTML 8Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
RF1V Force Guided Relays/ SF1V Relay Sockets
(4)
(3)
K3
K1
KM1
M
S2
RF1V force guided contacts
L (–)
0V
F3 to F5
K2
KM2
KM1
KM2
K1
K3
K2
F2
Safety guard open
12
HS6B
Subminiature Interlock Switch
S1
4
3
F1
L(+)
24V DC
(1)
(2)
(5)
S1:
HS6B subminiature
interlock switch
S2:
Start switch
Start
switch
(S2)
ON
→OFF
K3:
Force guided
contacts
Safety
guard
open
Safety
guard
closed
K1, K2: Force guided
contacts
Safety contactor output
(KM1, KM2)
S1:
HS6B subminiature interlock switch
S2:
Start switch (HW series momentary type)
K1, K2, K3: RF1V force guided relays
KM1, KM2: Safety contactor
M:
Motor
F1:
Protection fuse for safety circuit
F2:
Protection fuse for mechanical contact
output of force guided relay contact
F3 to F5:
Protection fuse for mechanical contact
output of safety contactors
Control circuits conforming with safety categories 2, 3, and 4 can be constructed.
The circuit example below consisting of interlock
switches, force guided relays, and safety contactors are
only a part of a safety-related system in a machine. In
actual machines, risk assessment must be performed
taking various aspects into consideration such as
hazard types, safeguarding measures, and change of
hazard level in operating mode, in order to reduce the
risk of the entire machine to a tolerable level. The safety
category of a machine needs to be evaluated for the
entire safety-related system.
Time Chart
•
Safety category 4 control circuits
•
IDEC CORPORATION (USA)
1175 Elko Drive, Sunnyvale, CA 94089-2209, USA
Tel: +1-408-747-0550 / (800) 262-IDEC (4332)
Fax: +1-408-744-9055 / (800) 635-6246
E-mail: opencontact@idec.com
IDEC CANADA LIMITED
3155 Pepper Mill Court, Unit 4, Mississauga,
Ontario, L5L 4X7, Canada
Tel: +1-905-890-8561, Toll Free: (888) 317-4332
Fax: +1-905-890-8562
E-mail: sales@ca.idec.com
IDEC AUSTRALIA PTY. LTD.
2/3 Macro Court, Rowville, Victoria 3178, Australia
Tel: +61-3-9763-3244, Toll Free: 1800-68-4332
Fax: +61-3-9763-3255
E-mail: sales@au.idec.com
IDEC ELECTRONICS LIMITED
Unit 2, Beechwood, Chineham Business Park,
Basingstoke, Hampshire RG24 8WA, UK
Tel: +44-1256-321000, Fax: +44-1256-327755
E-mail: sales@uk.idec.com
7-31, Nishi-Miyahara 1-Chome, Yodogawa-ku, Osaka 532-8550, Japan
Tel: +81-6-6398-2571, Fax: +81-6-6392-9731
E-mail: marketing@idec.co.jp
Specifications and other descriptions in this catalog are subject to change without notice.
Cat. No. EP1260-0 MARCH 2009 8.2T PRINTED IN JAPAN
IDEC ELEKTROTECHNIK GmbH
Wendenstrasse 331, 20537 Hamburg, Germany
Tel: +49-40-25 30 54 - 0, Fax: +49-40-25 30 54 - 24
E-mail: service@idec.de
IDEC (SHANGHAI) CORPORATION
Room 608-609, 6F, Gangtai Plaza, No. 700,
Yan'an East Road, Shanghai 200001, PRC
Tel: +86-21-5353-1000, Fax: +86-21-5353-1263
E-mail: idec@cn.idec.com
IDEC (BEIJING) CORPORATION
Room 211B, Tower B, The Grand Pacific Building,
8A Guanghua Road, Chaoyang District,
Beijing 100026, PRC
Tel: +86-10-6581-6131, Fax: +86-10-6581-5119
IDEC (SHENZHEN) CORPORATION
Unit AB-3B2, Tian Xiang Building, Tian’an Cyber Park,
Fu Tian District, Shenzhen, Guang Dong 518040, PRC
Tel: +86-755-8356-2977, Fax: +86-755-8356-2944
IDEC IZUMI (H.K.) CO., LTD.
Units 11-15, Level 27, Tower 1,
Millennium City 1, 388 Kwun Tong Road,
Kwun Tong, Kowloon, Hong Kong
Tel: +852-2803-8989, Fax: +852-2565-0171
E-mail: info@hk.idec.com
IDEC TAIWAN CORPORATION
8F-1, No. 79, Hsin Tai Wu Road, Sec. 1,
Hsi-Chih, Taipei County, Taiwan
Tel: +886-2-2698-3929, Fax: +886-2-2698-3931
E-mail: service@tw.idec.com
IDEC IZUMI ASIA PTE. LTD.
No. 31, Tannery Lane #05-01,
HB Centre 2, Singapore 347788
Tel: +65-6746-1155, Fax: +65-6844-5995
E-mail: info@sg.idec.com
www.idec.com
Safety function at occurrence of single faults
•
1. If a short-circuit failure occurs at either of the S1 channels, when
the safety guard is opened, K2 does not turn off but K1 turns off, so
safety function (power interruption to the motor) is maintained. The
system does not restart because the NC contact of K2 remains open
and K3 is not energized even when S2 is turned on.
2. If a short-circuit failure occurs between S1 channels, the potential dif-
ference of K1 and K2 coils become 0V, turning K1 and K2 off. (Fault
detection function between safety input circuits)
3. If NO contact of KM1 is welded, KM2 turns off when the safety guard
is opened, so the safety function (power interruption to the motor)
is maintained. The system does not restart because the NC contact
remains open and K3 is not energized even when S2 is turned on.
4. If the NO contact of K1 is welded, K2 turns off when the safety guard
is opened, so the safety function (power interruption to the motor) is
maintained. The system does not restart because the NC contact of
K1 remains open and K3 is not energized even when S2 is turned on.
5. If NC contact of K3 is welded, K1 and K2 turn off when the safety
guard is opened, so the safety function (power interruption to the
motor) is maintained. Also, the system does not restart because NO
contact of K3 does not shut, therefore K1 and K2 cannot be ener-
gized.
(090319)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com