Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPR-SBK Datasheet(PDF) 1 Page - Amphenol Australia Pty Ltd.

Part # ACPR-SBK
Description  MALE RCA PLUG ASSEMBLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUDIO [Amphenol Australia Pty Ltd.]
Direct Link  https://www.amphenolaudio.com/
Logo AUDIO - Amphenol Australia Pty Ltd.

ACPR-SBK Datasheet(HTML) 1 Page - Amphenol Australia Pty Ltd.

  ACPR-SBK Datasheet HTML 1Page - Amphenol Australia Pty Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
E
E
F
F
SHEET
THIRD ANGLE
WITHOUT THE PRIOR WRITTEN CONSENT OF THE OWNER
LTD.. NO PART THEREOF MAY BE REPRODUCED AND USED
THIS DOCUMENT IS THE PROPERTY OF AMPHENOL AUSTRALIA PTY
.
LINEAR
X,XX±
X,X ±
X ±
AND REMOVE ALL BURRS
BREAK ALL SHARP EDGES
UNLESS OTHERWISE SPECIFIED
FINISH:
MATL:
CAD FILE:
X
~X' ±
X
~X'X"±
DIMENSIONS IN
DO NOT SCALE
X
~ ±
ANGULAR
TOLERANCE TO BE
PROJECTION
Amphenol Australia Pty.Ltd, 2 Fiveways Blvd, Keysborough, Vic3173
DATE:
DATE:
DATE:
PART No:
APP'D
:
SCALE:
CKD:
DSD:
TITLE:
REV.
0
DRAWING NO.
SIZE:
CHANGE DETAILS
FIRST ISSUE
BY
DATE
CHG/No
Amphenol
/
0.5
0.1
0.05
1
30'
15'
MILIMETRES
55010299000110
REFER TO TABLE
L.V
03-06-04
2:1 UOS
MALE RCA
PLUG
ASSEMBLY
L.V
03-06-04
REFER TO COMPONENT
1
1
55010299000111
A3
55010299-000-1
M.N.H
P.M
07-09-05
07-09-05
1
50310024-130
50310024-130-1 MALE RCA PLUG INSERT ASSEMBLY
1
2
REFER TO TABLE 53490001-331-1 1/4" PHONE PLUG BACKSHELL ASSEMBLY
1
3
51270016-521
51270013-521-1 M-SERIES PLASTIC BIG TUBE
1
Parts List
ITEM
PART NUMBER
DWG No
DESCRIPTION
QTY
ACPR-SBK
55010299-000
53490001-331
NICKEL
BLACK
ACPR-BLK
55010299-001
53490001-431
BLACK
BLACK
ACPR-BRN
55010299-002
53490001-031
BROWN
BROWN
ACPR-RED
55010299-003
53490001-131
RED
RED
ACPR-YEL
55010299-004
53490001-231
YELLOW
YELLOW
ACPR-GRN
55010299-005
53490001-531
GREEN
GREEN
ACPR-BLU
55010299-006
53490001-631
BLUE
BLUE
ACPR-VIO
55010299-007
53490001-731
VIOLET
VIOLET
ACPR-GRY
55010299-008
53490001-831
GREY
GREY
ACPR-WHT
55010299-009
53490001-931
WHITE
WHITE
ACPR-SRD
55010299-010
53490001-332
NICKEL
RED
ACPR-SYL
55010299-011
53490001-333
NICKEL
YELLOW
ACPR-SGR
55010299-012
53490001-334
NICKEL
GREEN
ACPR-SBL
55010299-013
53490001-335
NICKEL
BLUE
ACPR-SWH
55010299-014
53490001-336
NICKEL
WHITE
Part Numbers According to Backshell and Grommet Finish
CATALOGUE P/No REFERENCE P/No.
BACKSHELL ASSEMBLY P/No.
SHELL FINISH GROMMET FINISH
ISO VIEW
1
3
2
63.0
8.0


Similar Part No. - ACPR-SBK

ManufacturerPart #DatasheetDescription
logo
Level One
ACP-03K2 LVL1-ACP-03K2 Datasheet
535Kb / 5P
26-Port Stackable L3 Managed Gigabit Ethernet Switch, 4 x SFP/RJ45 Combo, 2 x Module Slots 10-Gigabit
logo
Advantech Co., Ltd.
ACP-1000 ADVANTECH-ACP-1000 Datasheet
1Mb / 2P
1U Rackmount Chassis for SBC or ATX/MicroATX Motherboard
ACP-1000BP-00XE ADVANTECH-ACP-1000BP-00XE Datasheet
1Mb / 2P
1U Rackmount Chassis for SBC or ATX/MicroATX Motherboard
ACP-1000BP-20ZE ADVANTECH-ACP-1000BP-20ZE Datasheet
1Mb / 2P
1U Rackmount Chassis for SBC or ATX/MicroATX Motherboard
ACP-1000MB ADVANTECH-ACP-1000MB Datasheet
1Mb / 2P
1U Rackmount Chassis for SBC or ATX/MicroATX Motherboard
More results

Similar Description - ACPR-SBK

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6880 POMONA-6880 Datasheet
90Kb / 1P
RCA Jack, RCA Plug
logo
Pasternack Enterprises,...
PE38133-BK PASTERNACK-PE38133-BK Datasheet
123Kb / 1P
CABLE ASSEMBLY PE-B159 75 HOM HD PRECISION RCA PLUG TO RCA PLUG
PE38133-RD PASTERNACK-PE38133-RD Datasheet
123Kb / 1P
CABLE ASSEMBLY PE-B159 75OHM HD PRECISION RCA PLUG TO RCA PLUG
logo
Adam Technologies, Inc.
RCP-22-W-1-C4 ADAM-TECH-RCP-22-W-1-C4 Datasheet
81Kb / 1P
RCA PLUG
RCP-22-W-1-C5 ADAM-TECH-RCP-22-W-1-C5 Datasheet
94Kb / 1P
RCA PLUG
logo
CUI INC
RCP-01 CUI-RCP-01 Datasheet
225Kb / 3P
RCA PLUG
logo
Switchcraft, Inc.
RCA05RCA SWITCH-RCA05RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA05RCAB SWITCH-RCA05RCAB Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA10RCA SWITCH-RCA10RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA10RCAB SWITCH-RCA10RCAB Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com