Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

21080 Datasheet(PDF) 13 Page - TESTEC Elektronik GmbH. All rights reserved.

Part # 21080
Description  Lieber Kunde,
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTEC [TESTEC Elektronik GmbH. All rights reserved.]
Direct Link  https://testec.de/
Logo TESTEC - TESTEC Elektronik GmbH. All rights reserved.

21080 Datasheet(HTML) 13 Page - TESTEC Elektronik GmbH. All rights reserved.

Back Button 21080 Datasheet HTML 9Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 10Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 11Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 12Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 13Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 14Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 15Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 16Page - TESTEC Elektronik GmbH. All rights reserved. 21080 Datasheet HTML 17Page - TESTEC Elektronik GmbH. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TT-SI 50
TT-SI 51
TT-SI 52
Ordernumber
15130
15131
15132
Bandwidth
DC to 50MHz (-3dB)
DC to 50MHz (-3dB)
DC to 50MHz (-3dB)
Attenuation Ratio
1:10
1:100
1:200
Accuracy
±1%
±1%
±1%
Rise Time
<7ns
<7ns
<7ns
Input Impedance
1,6M
// 7pF each side to ground
4M
// 7pF each side to ground
7M
// 7pF each side to ground
Input Voltage
– Differential Range
– Common Mode Range
– Absolute max. Voltage
(either inputs to ground)
±70V (DC + peak AC)
or 70Vrms
±700V (DC + peak AC)
or 600Vrms
±700V (DC + peak AC)
or 600Vrms CAT I
±700V (DC + peak AC)
or 600Vrms
±1400V (DC + peak AC)
or 600Vrms
±1400V (DC + peak AC)
or 600Vrms CAT II
±1400V (DC + peak AC)
or 1000Vrms
±1400V (DC + peak AC)
or 1000Vrms
±1400V (DC + peak AC)
or 1000Vrms CAT II
Output
– Swing
– Offset (typical)
– Noise (typical)
– Source Impedance (typical)
±7V (into 5k
load)
<±2mV
0,7mVrms
50
±7V (into 5k
load)
<±1mV
0,3mVrms
50
±7V (into 5k
load)
<±1mV
0,3mVrms
50
CMRR (typical)
-95dB @ 60Hz, -60dB @ 1MHz
-90dB @ 60Hz, -55dB @ 1MHz
-85dB @ 60Hz, -50dB @ 1MHz
Power requirements (optional): removeable battery pack (4 x AA Cells)
or Mains Adaptor 6VDC/90mA or regulated 9VDC/70mA
Dimensions: (L x W x H) 111mm x 22mm x 14mm
Length: BNC Cable 125cm - Input Leads 50cm
Weight: 300g
Type
Specifications
Technische Änderungen vorbehalten / All specifications and characteristics are subject to change without notice
Hardcase included



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com