Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX-200 Datasheet(PDF) 1 Page - INTASHIELD

Part # IX-200
Description  PCI Express 2 PORT RS232
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTASHIELD [INTASHIELD]
Direct Link  
Logo INTASHIELD - INTASHIELD

IX-200 Datasheet(HTML) 1 Page - INTASHIELD

  IX-200 Datasheet HTML 1Page - INTASHIELD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.intashield.com
www.intashield.com
n
PRODUCT INFORMATION
• IX-200 Standard height
Bracket Height = 120mm
• IX-250 Low profile
Bracket Height = 80mm
n
OPERATING SYSTEMS:
• Windows 7 – 32/64 bit
• Windows Vista - 32/64 bit
• Windows XP – 32/64 bit
n
PRODUCT FEATURES:
• 2x9 pin, D type RS232 Serial Port
• Low profile card is a 1 + 1 configuration
requiring a second bracket for the port on
the fly lead
• PCI Express Bus - will fit into any PCIe slot i.e.
x1, x4, x8 & x16 lane
• Fully Plug & Play - simple installation and test
software provided
• 1 year Warranty with option to sign up for
additional free year
n
SPECIFICATIONS:
• UART: 16550
• Speed: 115,200 maximum baud rate
• Data Bits: 5, 6, 7 or 8
• Stop Bits: 1, 1.5 or 2
• Parity: odd, even, none, mark or space
• FIFO Size: 16 byte
Intashield IX-200/250
PCI Express 2 PORT RS232
This card provides 2 industry
standard 9 pin RS232 serial COM
ports in a single PCI Express slot.
As PCI Express is fully Plug
and Play compatible your
BIOS and operating system
will automatically configure
the card ensuring conflict free
installation. Choose between
standard height and low profile
options.
IX-200
IX-250


Similar Part No. - IX-200

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
IX-0120-H DIT-IX-0120-H Datasheet
1Mb / 2P
EMI/EMC FILTER
IX-0120-P DIT-IX-0120-P Datasheet
1Mb / 2P
EMI/EMC FILTER
IX-0120-S DIT-IX-0120-S Datasheet
1Mb / 2P
EMI/EMC FILTER
IX-0122-H DIT-IX-0122-H Datasheet
1Mb / 2P
EMI/EMC FILTER
IX-0122-P DIT-IX-0122-P Datasheet
1Mb / 2P
EMI/EMC FILTER
More results

Similar Description - IX-200

ManufacturerPart #DatasheetDescription
logo
PLX Technology
OXPCIE200 PLX-OXPCIE200 Datasheet
158Kb / 2P
PCI Express multi-port bridge
OXPCIE840 PLX-OXPCIE840 Datasheet
153Kb / 2P
PCI Express to Parallel Port
logo
AVAGO TECHNOLOGIES LIMI...
PEX8603 AVAGO-PEX8603 Datasheet
211Kb / 3P
PCI Express Gen 2 Switch
PEX8696 AVAGO-PEX8696 Datasheet
314Kb / 5P
PCI Express Gen 2 Switch
logo
Silicon Laboratories
SL28PCIE50 SILABS-SL28PCIE50 Datasheet
399Kb / 17P
PCI-Express Gen 2 Compliant
logo
Moxa Inc.
CP-102E MOXA-CP-102E Datasheet
669Kb / 3P
2-port RS-232 PCI Express boards
logo
Advantech Co., Ltd.
PCIE-1672 ADVANTECH-PCIE-1672 Datasheet
302Kb / 1P
2-Port PCI Express GigE Vision Frame Grabber
21-Feb-2018
DS_PCIE-1672 ADVANTECH-DS_PCIE-1672 Datasheet
301Kb / 1P
2-Port PCI Express GigE Vision Frame Grabber
21-Feb-2018
PCE-GIGE2 ADVANTECH-PCE-GIGE2 Datasheet
547Kb / 1P
PCI Express x4, 2/4-Port GbE Expansion Card
22-Jan-2018
PCE-GIGE2 ADVANTECH-PCE-GIGE2_V01 Datasheet
568Kb / 1P
PCI Express x4, 2/4-Port GbE Expansion Card
27-Jun-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com