Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC15457 Datasheet(PDF) 2 Page - Embest Technology Co. Ltd

Part # SPC15457
Description  Low Cost Development Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMBEST [Embest Technology Co. Ltd]
Direct Link  
Logo EMBEST - Embest Technology Co. Ltd

SPC15457 Datasheet(HTML) 2 Page - Embest Technology Co. Ltd

  SPC15457 Datasheet HTML 1Page - Embest Technology Co. Ltd SPC15457 Datasheet HTML 2Page - Embest Technology Co. Ltd SPC15457 Datasheet HTML 3Page - Embest Technology Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Your Electronic Engineering Resource 
 
Legal Disclaimer: The content of the pages of this website is for your general information and use only. It is subject to change without notice. From time to time, this website may
also include links to other websites. These links are provided for your convenience to provide further information. They do not signify that we endorse the website(s). We have no
responsibility for the content of the linked website(s). Your use of any information or materials on this website is entirely at your own risk, for which we shall not be liable. It shall
be your own responsibility to ensure that any products, services or information available through this website meet your specific requirements.
USB Port
LCD Display
On-board Battery
Analog Voltage Control for ADC Input
External Memory
MicroSD Card Connector
ETM Trace Debug
JTAG Download and Debug
Emlink for ARM:
Supports debugging with Realview MDK and EWARM
Supports ARM Cortex-M3 processors: STM32, LPC17XX, AT91SAM3UE, etc.
JTAG 20 pins connects to target
Supports hardware and software breakpoints
Supports USB port connecting to host PC
Downloads and debugs speed up to 250KBytes/s (about 1.5Mbps)
Integrates seamlessly into IAR Embedded Workbench and Keil RealView MDK
Ordering Information:
Products:
Part Number
Manufacturer
Farnell P/N
Newark P/N
AT91SAM3U-SK
Embest
NA
63R5715
Associated Products:
Part Number
Manufacturer
Description
Farnell P/N
Newark P/N
SW_LICA
Embest
Emlink for ARM License
NA
63R5737
SPC19944
SPC Technology
Shielded
Serial
Cable
Assembly
1702771
83K3689
SPC15457
SPC Technology
Standard
9
Pin
D-Subminiature Connector
1653954
79K5032
897-43-004-90-000000
Mill Max
USB Connector
1621546
84K7068



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com