Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA4808-AFR Datasheet(PDF) 39 Page - Microchip Technology

Part # ATMEGA4808-AFR
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA4808-AFR Datasheet(HTML) 39 Page - Microchip Technology

Back Button ATMEGA4808-AFR Datasheet HTML 35Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 36Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 37Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 38Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 39Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 40Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 41Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 42Page - Microchip Technology ATMEGA4808-AFR Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
Figure 6-31. I/O Pin Pull-Up Resistor Current vs. Input Voltage (VDD=5.0V)
3.0
3.3
3.5
3.8
4.0
4.3
4.5
4.8
5.0
0
5
10
15
20
25
30
35
40
45
50
Pull-up resistor current [µA]
Temperature [°C]
-40
-20
0
25
70
85
105
125
6.3
VREF Characteristics
Figure 6-32. Internal 0.55V Reference vs. Temperature
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-20
0
20
40
60
80
100
120
Temperature [°C]
Vdd [V]
2
3
5
ATmega3208/4808 – 32-pin Data Sheet
Typical Characteristics
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com