Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACP3-BK-R-3A Datasheet(PDF) 1 Page - Multicomp Pro

Part # ACP3-BK-R-3A
Description  ACP3 - USA/NEMA 5-15 TO UK EARTHED CONVERTER:
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

ACP3-BK-R-3A Datasheet(HTML) 1 Page - Multicomp Pro

  ACP3-BK-R-3A Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ACP3 - USA/NEMA 5-15 TO UK EARTHED CONVERTER:
3 PIN PLUG
3 PIN PLUG CLIPS
INTO CONVERTER
COVER SNAPS SHUT &
SECURED WITH
SCREW
The American standard plug adaptor is the latest converter plug from the
Powerconnections range. This product also converts Japanese and Chinese plugs to
BS1363.
Following the hugely successful Euroconverter plug, this new product offers a simple,
safe and fast method of product conversion, without the need to strip cable or remove
existing plugs.
The 3 pin plug can only be located the correct way round and, once firmly held in the
guide strip, the lid is closed, making the connection and securing the plug. A simple
screw retainer is then tightened.
Extremely useful in alternative markets the converter plug can be fitted in a moment,
on a production line, or at its final destination.
TECHNICAL INFORMATION
Voltage
240V 50Hz
Current rating 10 A
Load
2200 Watt (max.)
Fuse
3,5,10A BSI362
Material
PP CAD free
Weight
45g (typical)
STANDARDS
Product complies with current RoHS
standards.
COLOURS AVAILABLE
Black / White.


Similar Part No. - ACP3-BK-R-3A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACP3225 TDK-ACP3225 Datasheet
56Kb / 2P
Common Mode Filter
ACP3225 TDK-ACP3225 Datasheet
111Kb / 8P
Common Mode Filters For power line
ACP3225-102-2P-T000 TDK-ACP3225-102-2P-T000 Datasheet
56Kb / 2P
Common Mode Filter
ACP3225-102-2P-T000 TDK-ACP3225-102-2P-T000 Datasheet
111Kb / 8P
Common Mode Filters For power line
ACP3225-102-2P-T000 TDK-ACP3225-102-2P-T000_16 Datasheet
111Kb / 8P
Common Mode Filters For power line
More results

Similar Description - ACP3-BK-R-3A

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3004362 PHOENIX-3004362 Datasheet
187Kb / 8P
UK 5 N
logo
Tripp Lite. All Rights ...
P022-015 TRIPPLITE-P022-015 Datasheet
494Kb / 4P
Standard Power Extension Cord, 10A, 18AWG (NEMA 5-15P to NEMA 5-15R) 15-ft.
logo
Molex Electronics Ltd.
1301510014 MOLEX11-1301510014 Datasheet
37Kb / 1P
Safeway Adapter NEMA 5-15 Receptacle - Female End 15A/125V, NEMA 5-15 Plug
logo
Qualtek Electronics Cor...
738W-X2-01 QUALTEK-738W-X2-01 Datasheet
323Kb / 1P
NEMA 5-15 RECEPTACLE
738W-X2-02 QUALTEK-738W-X2-02 Datasheet
373Kb / 1P
NEMA 5-15 RECEPTACLE
738W-X2-03 QUALTEK-738W-X2-03 Datasheet
388Kb / 1P
NEMA 5-15 RECEPTACLE
logo
PHOENIX CONTACT
1923021 PHOENIX-1923021 Datasheet
163Kb / 7P
UK 5-TWIN
3002597 PHOENIX-3002597 Datasheet
138Kb / 6P
UK 5-RETURN
3004100 PHOENIX-3004100 Datasheet
159Kb / 6P
UK 5-HESI
3004430 PHOENIX-3004430 Datasheet
81Kb / 2P
UK 5-MTK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com