Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OC45WH Datasheet(PDF) 1 Page - TUK Ltd

Part # OC45WH
Description  FIBERMOD – Angled Fibre Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

OC45WH Datasheet(HTML) 1 Page - TUK Ltd

  OC45WH Datasheet HTML 1Page - TUK Ltd OC45WH Datasheet HTML 2Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FIBERMOD – Angled Fibre Modules
OC45bk
OL45wh
OT45bk
OC645wh
OL645bk
OT645wh
FIBERMOD angled fibre modules have been designed for use in standard faceplates which
easily connect into industry standard trunking, wall or floor box installations. Providing
optimum fibre bend radius control, these modules are suitable for install into FTTH, FTTD,
data centres, or external campus environments.
Features
Compatible with most ‘Euro style’ 25 x 50 mm and 6C 25 x 38 mm faceplate outlets
Angled modules avoid issues with bend radius
Available in bright white (for faceplates and trunking) and black (for floorboxes etc) with individual
labeling facility
Single mode fibre female to female couplers: SC/SC simplex, ST/ST simplex and LC/LC duplex
Equipped with high performance Zirconium Dioxide alignment sleeves to accommodate both single
mode and multimode connectors
Materials
 Connector body – LC: PEI
SC: PBT
ST: Zinc Alloy
 Alignment sleeve – all ZrO2
 Keystone mount and faceplate adaptor body - ABS UL94-V0


Similar Part No. - OC45WH

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
OC4500 TELEDYNE-OC4500 Datasheet
176Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - OC45WH

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1581Q SONY-CXB1581Q Datasheet
285Kb / 22P
Fibre Channel Transmitter
CXB1582Q SONY-CXB1582Q Datasheet
293Kb / 23P
Fibre Channel Receiver
CXB1595AN SONY-CXB1595AN Datasheet
157Kb / 14P
Fibre Channel Repeater
logo
Silicon image
SII2022 SILICONIMAGE-SII2022 Datasheet
997Kb / 2P
Fibre Channel SerDes
logo
FIDELIX
FXO-HC735RFC-10625 FIDELIX-FXO-HC735RFC-10625 Datasheet
257Kb / 2P
FIBRE CHANNEL
logo
Fox Electronics
FXO-LC735RFC-2125 FOX-FXO-LC735RFC-2125 Datasheet
187Kb / 15P
FIBRE CHANNEL
FXO-PC735RFC-2125 FOX-FXO-PC735RFC-2125 Datasheet
203Kb / 2P
FIBRE CHANNEL
FXO-PC735RFC-10625 FOX-FXO-PC735RFC-10625 Datasheet
197Kb / 2P
FIBRE CHANNEL
FXO-PC735RFC-159375 FOX-FXO-PC735RFC-159375 Datasheet
203Kb / 2P
FIBRE CHANNEL
logo
List of Unclassifed Man...
PS11395 ETC2-PS11395 Datasheet
195Kb / 7P
Duplex Fibre Patchcords
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com