Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL45BK Datasheet(PDF) 2 Page - TUK Ltd

Part # OL45BK
Description  FIBERMOD – Angled Fibre Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

OL45BK Datasheet(HTML) 2 Page - TUK Ltd

  OL45BK Datasheet HTML 1Page - TUK Ltd OL45BK Datasheet HTML 2Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Type
Code
Weight (approx.)
Dimensions (approx.)
SC 25 x 38 black/white
OC645bk/wh
9g
25 x 38 x 34 mm
SC 25 x 50 black/white
OC45bk/wh
10g
25 x 50 x 33 mm
LC 25 x 38 black/white
OL645bk/wh
8g
25 x 38 x 34 mm
LC 25 x 50 black/white
OL45bk/wh
9g
24 x 50 x 35 mm
ST 25 x 38 black/white
OT645bk/wh
13g
25 x 38 x 37 mm
ST 25 x 50 black/white
OT45bk/wh
14g
25 x 50 x 34 mm
Supplied in easily assembled kit form
08/08/2016



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com