Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT06128PNH-K. Datasheet(PDF) 1 Page - Amphenol Sine Systems Corp.

Part # RT06128PNH-K.
Description  KIT, ECO-MATE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

RT06128PNH-K. Datasheet(HTML) 1 Page - Amphenol Sine Systems Corp.

  RT06128PNH-K. Datasheet HTML 1Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
3
1
2
3
1
RT06128PNH
CONNECTOR
8
MP16M23F
CONTACT, PIN, SIZE 16
2
HOUSING BODY
COUPLING NUT
11/16-24 UNEF
THREAD
NOTES:
3) RECOMMENDED CRIMP TOOLS:
HAND CRIMPER: MFX-3959
PNEUMATIC CRIMPER: MFX-3960
4) EXTRACTION TOOL: QXRT16
2) CONTACT BARREL RANGE: 16AWG TO 18AWG
5) MATERIALS:
HOUSING BODY: ZINC DIE CAST, NICKEL PLATED
INSULATION INSERT: PA66, UL94/V-0
CONTACT: BRASS, GOLD FLASH PLATED
SEAL AND O-RING: NBR (NITRILE BUTADIENE RUBBER)
6) ELECTRICAL DATA:
a) CURRENT (MAX): 13A
b) VOLTAGE (MAX): 250V AC/DC
c) INSULATION RESISTANCE (MIN): 5000M OHMS
d) TEST VOLTAGE (BETWEEN CONTACTS): 3050V
c) MATING CYCLES: >500
a) TEMPERATURE RANGE: -40°C TO 105°C
b) PROTECTION: IP67 (MATED CONDITION)
8) RoHS COMPLIANT
7) TECHNICAL DATA:
d) VIBRATION RESISTANCE PER MIL-STD-202 METHOD 204
e) THERMAL SHOCK PER MIL-STD-202 METHOD 207
f) 48 HOUR SALT SPRAY PER MIL-STD-202 METHOD 101
ILLUSTRATION: COMPLETE KIT
INSULATION
INSERT
O-RING
1
RT0L-12CG-S1
CORD GRIP
1) CORD GRIP RANGE: 3mm TO 6.5mm
COUPLING NUT: ALUMINUM ALLOY, NICKEL PLATED
WAVE SPRING: STAINLESS STEEL
WAVE SPRING
ASSEMBLED VIEW
RELEASE NEW DWG FORMAT
-
-
01
-
MATERIALS LIST
SIZE
PROCESS SPECIFICATIONS:
MATERIAL SPECIFICATIONS:
UNLESS OTHERWISE SPECIFIED
3 PL DEC ±0.08
1) All dimensions are in metric(mm).
2) Tolerances are as follows:
1 PL DEC ±0.30
2 PL DEC ±0.15
QUANTITY
SIGNATURES
Fractions ±1/64
Angles ±1°
APPROVAL:
ENGINEER:
CHECKED:
DRAWN:
SCALE:
DATE
PART NUMBER
REVISION
DWG NO:
TYPE
SHEET
OF
ITEM
DESCRIPTION
THIS DRAWING IS SUPPLIED FOR
INFORMATION ONLY. DESIGN FEATURES,
SPECIFICATIONS AND PERFORMANCE DATA
SHOWN HEREON ARE THE PROPERTY OF
THE AMPHENOL CORPORATION. NO RIGHTS
OF REPRODUCTION ARE IMPLIED. ALL
DIMENSIONS ARE SUBJECT TO NORMAL
MANUFACTURING VARIATIONS.
CUSTOMER:
NEXT ASS'Y:
X
3) Note reference =
44724 Morley Drive
Clinton Township, MI 48036
Sine Systems - www.amphenol-sine.com
Amphenol
KIT, ECO-MATE
B
RT06128PNH-K
01
11
MRF
10SEP13
NONE
C-
-


Similar Part No. - RT06128PNH-K.

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RT0610-2SNH AMPHENOL-RT0610-2SNH Datasheet
1Mb / 2P
RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
logo
List of Unclassifed Man...
RT0618 ETC-RT0618 Datasheet
692Kb / 2P
RT0618
More results

Similar Description - RT06128PNH-K.

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0830009503 MOLEX9-0830009503 Datasheet
207Kb / 5P
1.27mm (.050") Pitch Ulti-Mate??Commerical Micro D, Cable Receptacle Kit, 9|25|15 Circuits
logo
List of Unclassifed Man...
UPL220 ETC1-UPL220 Datasheet
370Kb / 1P
REVISED PER ECO
logo
OPLINK Communications I...
PIPDECO OPLINK-PIPDECO Datasheet
209Kb / 1P
Eco Series Pigtailed Photodiode
logo
List of Unclassifed Man...
LEDS100-01 ETC2-LEDS100-01 Datasheet
3Mb / 1P
Industrial LED ECO Beacons
LED-TLM-02 ETC2-LED-TLM-02 Datasheet
3Mb / 1P
Industrial LED ECO Beacons
logo
OSRAM GmbH
LF05E2 OSRAM-LF05E2 Datasheet
482Kb / 6P
LINEARLIGHT FLEX ECO
LR14E OSRAM-LR14E Datasheet
89Kb / 4P
LINEARlight ECO
logo
HARTING Technology Grou...
19-46-016-5425 HARTING-19-46-016-5425 Datasheet
473Kb / 2P
Han-Eco 16A-Cover
19-46-010-5425 HARTING-19-46-010-5425 Datasheet
473Kb / 2P
Han-Eco 10A-Cover
logo
List of Unclassifed Man...
3-0057 ETC-3-0057 Datasheet
274Kb / 1P
REVISED PER ECO 14834
REV. G
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com