Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP-12UPC9 Datasheet(PDF) 2 Page - 3M Electronics

Part # FMP-12UPC9
Description  3M™ Eco SPP3 19" Fibre Optic Patch Panels
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

FMP-12UPC9 Datasheet(HTML) 2 Page - 3M Electronics

  FMP-12UPC9 Datasheet HTML 1Page - 3M Electronics FMP-12UPC9 Datasheet HTML 2Page - 3M Electronics FMP-12UPC9 Datasheet HTML 3Page - 3M Electronics FMP-12UPC9 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensions
Specifications
Material
Zink plated steel, powder coated
Dimensions
43,6 x 482,6 x 219 mm (HxWxD),
19” 1U
Colour
RAL 7035, light grey
Surface
Non structured matt
Port numbering
Screen printed, black
Cable entry
For 2x 16mm and 2x 22mm glands
Included Accessories
• Universal cage nuts, bolts and
washers for 19“ mounting
• Cable ties for convenient fibre
routing
• Instruction manual
Rotation Stop for Splice Cassette
Bottlenecked entries for cable
Screw fixed couplings



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com