Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSXLF Datasheet(PDF) 1 Page - Fox Electronics

Part # FSXLF
Description  RoHS Compliant / PB Free
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FSXLF Datasheet(HTML) 1 Page - Fox Electronics

  FSXLF Datasheet HTML 1Page - Fox Electronics FSXLF Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
57
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.com
EMEA Tel: +44 .11283.568153 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2010 FOX ELECTRONICS | ISO9001:2008 Certified
Rev. 6/1/2006
FEATURES
• Extremely Small Size
• Low Cost
• 1.4mm Height Max
• Tape and Reel (3,000 pcs. STD)
All dimensions are in millimeters.
PARAMETERS
Frequency Range
Frequency Tolerance @ 25ºC
Frequency Stability, ref @ 25ºC
Temperature Range
Turnover
(TO)
Operating
(TOPR)
Storage
(TSTG)
Equivalent Series Resistance
Load Capacitance
(CL)
Insulation Resistance @ 100Vdc
Drive Level
Aging
Termination Finish
32.768 kHz
±20 PPM
-0.04PPM/(
ƼC)2
+20ºC ~ +30ºC
-40ºC ~ +85ºC
-55ºC ~ +125ºC
65 k
Ω
7 pF, 12.5pF Typ
500 M
Ω Min
1.0 µW
±3 PPM
Matte Sn
• STANDARD SPECIFICATIONS
All specifications subject to change without notice.
MAX (unless otherwise noted)
Frequency
Stability
Operating
Temperature
-40 ~ +85 ºC
32.768 kHz
FSXLF
Model
Number
Part Number
501LF-Frequency-xxxxx
• PART NUMBER Learn More - Internet Required
-0.04PPM/(ƼC)2
Frequency
SMD Tuning Fork
Rev. 9/2/2010
RoHS Compliant / PB Free
http://www.foxonline.com/need_a_sample.htm
Model: FSXLF
Page 1 of 2
0.6
6.7
7.0 Max
#1
#2
#3
#4
1.5 Max
#1
#4
#2
#3
0.4
1.4 Max
0.6
0.3
1.2
5.1
Recommended
Solder Pad Layout
0.3
Note: Pins #2 and #3 should be electrically unconnected (open).


Similar Part No. - FSXLF

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FSXLF FOX-FSXLF Datasheet
183Kb / 2P
SMD Tuning Fork
FSXLF FOX-FSXLF Datasheet
140Kb / 2P
SMD Tunung Fork
FSXLF FOX-FSXLF Datasheet
140Kb / 2P
SMD Tuning Fork
FSXLF327 FOX-FSXLF327 Datasheet
140Kb / 2P
SMD Tuning Fork
FSXLF3270 FOX-FSXLF3270 Datasheet
140Kb / 2P
SMD Tuning Fork
More results

Similar Description - FSXLF

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT1200 COSMO-KT1200 Datasheet
159Kb / 8P
Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KTLP160J COSMO-KTLP160J_13 Datasheet
129Kb / 6P
Pb free and RoHS compliant
KTLP161J COSMO-KTLP161J_13 Datasheet
130Kb / 6P
Pb free and RoHS compliant
logo
ECS, Inc.
ECS-2018-500-BN ECS-ECS-2018-500-BN Datasheet
629Kb / 2P
Pb Free/RoHS Compliant
logo
M/A-COM Technology Solu...
MAFL-011057 MA-COM-MAFL-011057 Datasheet
223Kb / 6P
RoHS Compliant and Pb free
logo
Silicon Laboratories
SI596 SILABS-SI596 Datasheet
328Kb / 12P
Pb-free/RoHS-compliant
logo
Abracon Corporation
ALFB-01 ABRACON-ALFB-01 Datasheet
535Kb / 1P
RoHS compliant and Pb free
10.30.13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com