Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JM-R4M4-G Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E3JM-R4M4-G
Description  Multi voltage photoelectric sensor in plastic housing with timer function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JM-R4M4-G Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E3JM-R4M4-G Datasheet HTML 2Page - Omron Electronics LLC E3JM-R4M4-G Datasheet HTML 3Page - Omron Electronics LLC E3JM-R4M4-G Datasheet HTML 4Page - Omron Electronics LLC E3JM-R4M4-G Datasheet HTML 5Page - Omron Electronics LLC E3JM-R4M4-G Datasheet HTML 6Page - Omron Electronics LLC E3JM-R4M4-G Datasheet HTML 7Page - Omron Electronics LLC E3JM-R4M4-G Datasheet HTML 8Page - Omron Electronics LLC E3JM-R4M4-G Datasheet HTML 9Page - Omron Electronics LLC E3JM-R4M4-G Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
E3JM
Switch Selection
Connecting and Wiring
Recommended outer diameter of cables is from 6 to 8 dia.
Be sure to firmly tighten the cover in order to maintain waterproof
and dustproof properties.
Cable End Treatment
Adjust the four wires to the same length when the Ta output is to
be used only. If both the Ta and Tb outputs are to be used, treat
them as shown in the following diagram.
Recommended Crimp Terminal Dimensions
(Unit: mm)
Note: Use terminals with insulation tube (recommended crimp terminal: 1.25
to 3.5).
Terminal Protection Cover (Accessory)
The terminal protection cover is designed to improve safety by
maintaining the sensitivity properties of the product and by pre-
venting any contact with charged sections while it is being oper-
ated with the mode set to the timer mode. Mount the product as
shown in the following diagram (mount the Through-beam Model
on the Receiver side).
Output Relay Contact
If a load, such as contactor or valve is used that may produce arc
when it is turned OFF, the NC (or NO) side may turn ON before
the NO (or NC) side is turned OFF. When using both the NC and
NO outputs, use an arc killer.
Connecting and Wiring DC SSR Output Models
When using the DC SSR output model, the total of the load cur-
rent for the Light-ON output (NO) and that for the Dark-ON (NC)
should be 100 mA max. If the total exceeds 100 mA, the load
short-circuit protection function will be activated (this function will
be reset when the power of the Photoelectric Sensor is turned
OFF ).
MODE
0
1
D·ON
L·ON
SW1
SW2
TIMER
Both SW1 and SW2 at "0."
MODE
0
1
D·ON
L·ON
SW1
SW2
TIMER
Only SW2 at "1."
MODE
0
1
D·ON
L·ON
SW1
SW2
TIMER
Only SW1 at "1,"
which overrides either
setting of SW2.
ON-delay
OFF-delay
One-shot delay
Note: The switch for the operating mode is the same as that for
models without a timer.
Models without Timer
Models with Timer
D·ON
L·ON
Light-ON, Transistor output ON
D·ON
L·ON
Dark-ON, Transistor output ON
MODE
0
1
MODE
0
1
Round type
Fork type
Approx. 45 mm
Approx. 55 mm
Power
source
Tc, Ta
Tightening nut (accessory) (See note.)
Washer (accessory) (See note.)
Rubber bushing
(accessory) (See note.)
10 max.
7 max.
3.6 dia. min.
19 max.
7 max.
(After crimping)
19 max.
(After crimping)
10 max.
7 max.
3.6 dia. min.
7 max.
Terminal protection cover
E3JM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com