Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JM-R4M4T-G Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3JM-R4M4T-G
Description  Multi voltage photoelectric sensor in plastic housing with timer function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JM-R4M4T-G Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3JM-R4M4T-G Datasheet HTML 2Page - Omron Electronics LLC E3JM-R4M4T-G Datasheet HTML 3Page - Omron Electronics LLC E3JM-R4M4T-G Datasheet HTML 4Page - Omron Electronics LLC E3JM-R4M4T-G Datasheet HTML 5Page - Omron Electronics LLC E3JM-R4M4T-G Datasheet HTML 6Page - Omron Electronics LLC E3JM-R4M4T-G Datasheet HTML 7Page - Omron Electronics LLC E3JM-R4M4T-G Datasheet HTML 8Page - Omron Electronics LLC E3JM-R4M4T-G Datasheet HTML 9Page - Omron Electronics LLC E3JM-R4M4T-G Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Multi voltage photoelectric sensor
Precautions
Connections
Through-beam Models
Retro-reflective Models
Diffuse-reflective Models
Adjustment
Through-beam Models
For a E3JM with the timer function, the indicator will be lit when
incident light is received while the mode is switched to Light-ON,
and the indicator will be lit when light is interrupted while the mode
is switched to Dark-ON.
Move the Emitter and Receiver horizontally and vertically, and
locate them to the center of the range in which the Receiver indi-
cator is lit.
Retro-reflective Models
The indicator of the Retro-reflective Model with the timer function
is lit in the same way as for the Through-beam Model.
As with the Through-beam Model, adjust the Reflector and Sen-
sor. Since the directional angle of the E3JM Retro-reflective
Model is 1 to 5 degrees, pay careful attention when adjusting the
Sensor.
Diffuse-reflective Models
The indicator of the Diffuse-reflective Model with the timer func-
tion is lit in the same way as for the Through-beam Model.
1. If a sensing object is present as shown above, turn the sensi-
tivity adjuster clockwise to increase the sensitivity. Point (A) is
where the indicator is lit.
2. Remove the sensing object and turn the adjuster clockwise.
Point (B) is where the indicator is lit by background objects.
3. Turn the adjuster counterclockwise to decrease the sensitivity,
starting from the point (B). Point (C) is where the indicator is
lit.
4. The center point between the point (A) and point (C) is the
optimum position. If the indicator is not lit by the background
object at the maximum sensitivity, set to the center point
between the point (A) and the maximum sensitivity.
Note: The sensitivity adjuster may be damaged if an excessive force is
applied.
Precautions for Correct Use
Switch Configuration
! Warning
This product is not designed or rated for ensuring safety of persons.
Do not use it for such purposes.
3 4 5
12
NO
Tb
COM
Tc
NC
Ta
12 to 240 VDC
24 to 240 VAC
Receiver
Sensing
object
Power
source
3
4
5
1
2
12 to 240 VDC
24 to 240 VAC
Emitter
3 4 5
12
NO
Tb
COM
Tc
NC
Ta
12 to 240 VDC
24 to 240 VAC
Receiver
Sensing
object
E39-R1
Reflector
3 4 5
12
NO
Tb
COM
Tc
NC
Ta
12 to 240 VDC
24 to 240 VAC
Receiver
Sensing
object
Sensing object
is present.
Sensing object
is not present.
(A) Operation
(C) Release
(B) Operation
Sensitivity
Sensitivity
Models without Timer
Models with Timer
MODE
0
1
D·ON
L·ON
Switch for operating mode
MODE
0
1
D·ON
L·ON
SW1
SW2
TIMER
Switch for operating mode
Switch for timer mode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com