Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JM-R4S4-G Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3JM-R4S4-G
Description  Multi voltage photoelectric sensor in plastic housing with timer function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JM-R4S4-G Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3JM-R4S4-G Datasheet HTML 1Page - Omron Electronics LLC E3JM-R4S4-G Datasheet HTML 2Page - Omron Electronics LLC E3JM-R4S4-G Datasheet HTML 3Page - Omron Electronics LLC E3JM-R4S4-G Datasheet HTML 4Page - Omron Electronics LLC E3JM-R4S4-G Datasheet HTML 5Page - Omron Electronics LLC E3JM-R4S4-G Datasheet HTML 6Page - Omron Electronics LLC E3JM-R4S4-G Datasheet HTML 7Page - Omron Electronics LLC E3JM-R4S4-G Datasheet HTML 8Page - Omron Electronics LLC E3JM-R4S4-G Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
E3JM
Operation
Output Circuit
Timing Charts
Relay Output Models
E3JM-
@M4(T)
DC SSR Output Models
E3JM-
@S4(T)
1
2
4
5
3
Power
source
Photoelectric
Sensor
Main circuit
Polarity: Optional
24 to 240 VAC
12 to 240 VDC
Tb
Tc
Contact output
Ta
(Built-in Relay: G6C)
1
2
3
5
4
Power
source
Polarity:
Optional
24 to 240 VAC
12 to 240 VDC
Photo-
electric
Sensor
Main
circuit
Drive
circuit
Drive
circuit
L-ON
D-ON
NO
NC
48 VDC
max.
COM
Load
Load
I1
I2
I1+I2 < 100 mA
24 to 240 VAC
12 to 240 VDC
Load
Load
Power
source
Polarity:
Optional
Photo-
electric
Sensor
Main
circuit
Drive
circuit
Drive
circuit
L-ON
I1
I2
I1+I2 < 100 mA
1
2
3
5
4
48 VDC
max.
NO
NC
COM
D-ON
E3JM-
@R4(T)
Incident light
No incident light
ON
OFF
ON
OFF
L·ON
D·ON
T
T
Incident light
No incident light
ON
OFF
ON
OFF
L·ON
D·ON
T
T
Incident light
No incident light
ON
OFF
ON
OFF
L·ON
D·ON
T
T
ON-delay
OFF-delay
One-shot delay
Light-ON mode
Dark-ON mode
Models without Timer
Models with Timer
Incident light
No incident light
ON
OFF
ON
OFF
L·ON
D·ON
Light-ON mode
Dark-ON mode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com