Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JM-R4S4T-G Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3JM-R4S4T-G
Description  Multi voltage photoelectric sensor in plastic housing with timer function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JM-R4S4T-G Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3JM-R4S4T-G Datasheet HTML 1Page - Omron Electronics LLC E3JM-R4S4T-G Datasheet HTML 2Page - Omron Electronics LLC E3JM-R4S4T-G Datasheet HTML 3Page - Omron Electronics LLC E3JM-R4S4T-G Datasheet HTML 4Page - Omron Electronics LLC E3JM-R4S4T-G Datasheet HTML 5Page - Omron Electronics LLC E3JM-R4S4T-G Datasheet HTML 6Page - Omron Electronics LLC E3JM-R4S4T-G Datasheet HTML 7Page - Omron Electronics LLC E3JM-R4S4T-G Datasheet HTML 8Page - Omron Electronics LLC E3JM-R4S4T-G Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Multi voltage photoelectric sensor
Accessories
Slit
Reflectors
Note 1. For the complete overview of available reflectors please refer to www.industrial.omron.eu or to the accessory datasheet E26E.
2. Values in brackets are the minimum required distance between the Sensor and Reflector.
Mounting Bracket
Note: If a Through-beam Model is used, order two Mounting Brackets for the Emitter and Receiver respectively.
Slit width
Sensing distance
Minimum sensing
object (typical)
Model
Quantity
Remarks
1 mm × 20 mm
1.2 m
1 mm dia.
E39-S39
1 Slit each for Emitter
and Receiver (2 Slits
total )
(Seal-type long slit)
Can be used with the
Through-beam Model
E3JM-10
@4(T).
Name
Sensing distance (typical)
Model
Quantity Remarks
Reflectors
4 m (rated value)
E39-R1
1
Provided with the E3JM-R4
@4(T).
Small Reflectors
3.5 m
E39-R3
1
---
Tape Reflectors
1 m (200 mm) (See note 2.) E39-RS1
1
---
1.6 m (200 mm) (See note
2.)
E39-RS2
1
2 m (200 mm) (See note 2.) E39-RS3
1
Appearance
Model
Quantity Remarks
E39-L53
1
Provided with the E3JM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com