Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3JM-R4R4-G Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3JM-R4R4-G
Description  Multi voltage photoelectric sensor in plastic housing with timer function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3JM-R4R4-G Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3JM-R4R4-G Datasheet HTML 1Page - Omron Electronics LLC E3JM-R4R4-G Datasheet HTML 2Page - Omron Electronics LLC E3JM-R4R4-G Datasheet HTML 3Page - Omron Electronics LLC E3JM-R4R4-G Datasheet HTML 4Page - Omron Electronics LLC E3JM-R4R4-G Datasheet HTML 5Page - Omron Electronics LLC E3JM-R4R4-G Datasheet HTML 6Page - Omron Electronics LLC E3JM-R4R4-G Datasheet HTML 7Page - Omron Electronics LLC E3JM-R4R4-G Datasheet HTML 8Page - Omron Electronics LLC E3JM-R4R4-G Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Multi voltage photoelectric sensor
Engineering Data
Parallel Operating Range (Typical)
Through-beam
Parallel Operating Range (Typical)
Through-beam
Parallel Operating Range (Typical)
Retro-reflective
E3JM-10
@4(T)
E3JM-10
@4(T) with E39-S39 (Slit)
E3JM-R4
@4(T) (When Using E39-R1)
Operating Range (Typical)
Diffuse-reflective
Size of Sensing Object vs. Sensing
Distance
Diffuse-reflective
Excess Gain Ratio vs. Set Distance
(Typical)
Through-beam
E3JM-DS70
@4(T)
E3JM-DS70
@4(T)
E3JM-10
@4(T)
Excess Gain Ratio vs. Set Distance
(Typical)
Retro-reflective
Excess Gain Ratio vs. Set Distance
(Typical)
Retro-reflective
Excess Gain Ratio vs. Set Distance
(Typical)
Diffuse-reflective
E3JM-R4
@4(T) (When Using E39-R1)
E3JM-R4
@4(T) (When Using E39-R3)
E3JM-DS70
@4(T)
600
400
200
0
−200
−400
−600
24
6
8
10
12
14 16
Distance X (m)
Emitter
Optical axis
Y
X
Receiver
60
40
20
0
−20
−40
−60
0.5
1
1.5
2
2.5
33.5
Distance X (m)
Y
X
Emitter
Optical
axis
Receiver
-150
-100
-50
0
50
100
150
01
2
3
45
6
7
Distance X (m)
-60
-40
-20
0
20
40
60
0
200
400
600
800
1000
1200
Distance X (mm)
Sensing object: 200 x 200 white paper
12
10
8
6
4
2
20
0
40
60
80
100 120 140 160 180 200 220
Side length of sensing object (mm)
White paper
Black carbon
SUS (Luster)
Aluminum foil
(No luster on the back)
1,000
500
100
50
10
5
1
0.5
0.1
Distance (m)
2
04
6
8
10
12
14
16
18
Operating level
1,000
500
100
50
10
5
1
0.5
0.1
Distance (m)
1
02
3
45
6
7
8
9
Operating level
Reflector: E39-R1
1,000
500
300
100
50
30
10
5
3
1
0.5
0.3
0.1
Distance (m)
1
02
3
45
6
7
8
9
Reflector: E39-R3
Operating level
0.1
1.0
10.0
100.0
0
200
400
600
800 1000 1200 1400 1600
Distance (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com