Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G008 Datasheet(PDF) 1 Page - Pro-Signal

Part # G008
Description  Sealed beam Par36 lamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

G008 Datasheet(HTML) 1 Page - Pro-Signal

  G008 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
21/03/12
Lamp
Par36
Specification
Colour
: Clear
Power Input
: 6V AC @ 50Hz
Packing
: Box
Lamp Life (Hrs) : 100
Lamp Base
: Screw
Power (W)
: 30
Equivalent
: 4515
Description
Part Number
Lamp, Par36
G008
Part Number Table
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Sealed beam Par36 lamp


Similar Part No. - G008

ManufacturerPart #DatasheetDescription
logo
Laser Components
G008 LASER-COMPONENTS-G008 Datasheet
426Kb / 10P
2.4 V CW LASER DIODE DRIVER
More results

Similar Description - G008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
25L6GT ETC2-25L6GT Datasheet
170Kb / 3P
BEAM PENTODE
logo
General Electric Compan...
6BG6-GA GEC-6BG6-GA Datasheet
383Kb / 4P
BEAM PENTODE
logo
Contrinex AG Industrial...
LLR-C12PA-NMK-300 CONTRINEX-LLR-C12PA-NMK-300 Datasheet
254Kb / 6P
THROUGH-BEAM
LLR-M18PA-NMS-101 CONTRINEX-LLR-M18PA-NMS-101 Datasheet
462Kb / 6P
THROUGH-BEAM
LLR-C12PA-NMK-304 CONTRINEX-LLR-C12PA-NMK-304 Datasheet
254Kb / 6P
THROUGH-BEAM
LLR-C23PA-NMK-400 CONTRINEX-LLR-C23PA-NMK-400 Datasheet
461Kb / 6P
THROUGH-BEAM
logo
Ledil, Inc.
C16371 LEDIL-C16371 Datasheet
1Mb / 4P
~90째 beam
C13155 LEDIL-C13155_18 Datasheet
3Mb / 10P
Asymmetric beam
logo
IQD Frequency Products ...
IQXC-240 IQD-IQXC-240 Datasheet
143Kb / 2P
A quartz crystal in a ceramic package with a electron beam sealed metal lid.
logo
Ledil, Inc.
F16083 LEDIL-F16083 Datasheet
10Mb / 7P
10째 beam
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com