Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KYS Datasheet(PDF) 1 Page - Pro-Power

Part # KYS
Description  Thin-Wall, Modified PVDF Heat Shrink Tubing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

KYS Datasheet(HTML) 1 Page - Pro-Power

  KYS Datasheet HTML 1Page - Pro-Power KYS Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
23/05/17
KYS Series Irradiated
Thin-Wall, Modified PVDF Heat Shrink Tubing
Description:
The KYS series is an irradiated, Thin-Wall, Heat Shrinkable Tubing Fabricated from Modified Polyvinylidene Fluoride. Upon
the Application of Heat in Excess of 175°C, The Tubing Shrinks to the Geometry of the Part to be Covered.
Typical Properties
Physical
Tensile Strength
: 5,500 PSI
Ultimate Elongation
: 350%
Longitudinal Change
: +1, -10%
Specific Gravity
: 1.7 g/cm2 Max.
Operating Temp
: -55°C ~ +175°C
Shrink Temp
: 175°C (347°F)
Low Temp. Flexibility (4 hrs @ -55°C)
: No Cracking
Shrinkage
: 2:1
Colour
: Clear
Electrical
Dielectric Strength
: 900 V/Mil
Volume Resistivity
: 1014Ω-cm
Chemical
Corrosion Resistance
: Non-Corrosive
Fuel & Oil Resistance
: Excellent
Solvent Resistance
: Excellent
Abrasion Resistance
: Excellent
Acids & Alkalis Resistance
: Excellent
MIL. Spec. Nos.
MIL-1-23053/8, AMS-3632
MIL-1-2305318, Class 1
Shelf Life
10-year shelf life from date of manufacture when stored in a humidity controlled storage (10°C/50°F to 27°C/80°F and
<75% relative humidity).
Note: The date of manufacture is marked on the box and on the label.


Similar Part No. - KYS

ManufacturerPart #DatasheetDescription
logo
OTAX Corporation
KYS08SE OTAX-KYS08SE Datasheet
136Kb / 6P
LOW PROFILE ROTARY DIP SWITCHES
logo
List of Unclassifed Man...
KYS26 ETC-KYS26 Datasheet
82Kb / 1P
SCHOTTKY RECTIFIER DIODES 2.6 A AND 30 A
KYS26/30 ETC-KYS26/30 Datasheet
82Kb / 1P
SCHOTTKY RECTIFIER DIODES 2.6 A AND 30 A
KYS26/40 ETC-KYS26/40 Datasheet
82Kb / 1P
SCHOTTKY RECTIFIER DIODES 2.6 A AND 30 A
KYS30/30 ETC-KYS30/30 Datasheet
82Kb / 1P
SCHOTTKY RECTIFIER DIODES 2.6 A AND 30 A
More results

Similar Description - KYS

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F QUALTEK-Q2-F_13 Datasheet
699Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF_13 Datasheet
820Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-R QUALTEK-Q2-R_13 Datasheet
649Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q2-3X QUALTEK-Q2-3X_13 Datasheet
662Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-150K QUALTEK-Q-150K_13 Datasheet
758Kb / 1P
HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K_13 Datasheet
596Kb / 1P
HEAT SHRINK THIN WALL TUBING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com