Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5EN-R3ML-500-N Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E5EN-R3ML-500-N
Description  Basic-type Digital Temperature Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5EN-R3ML-500-N Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E5EN-R3ML-500-N Datasheet HTML 2Page - Omron Electronics LLC E5EN-R3ML-500-N Datasheet HTML 3Page - Omron Electronics LLC E5EN-R3ML-500-N Datasheet HTML 4Page - Omron Electronics LLC E5EN-R3ML-500-N Datasheet HTML 5Page - Omron Electronics LLC E5EN-R3ML-500-N Datasheet HTML 6Page - Omron Electronics LLC E5EN-R3ML-500-N Datasheet HTML 7Page - Omron Electronics LLC E5EN-R3ML-500-N Datasheet HTML 8Page - Omron Electronics LLC E5EN-R3ML-500-N Datasheet HTML 9Page - Omron Electronics LLC E5EN-R3ML-500-N Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Basic-type Digital Temperature Controller
E5AN/E5EN
Specifications
Ratings
✽ A 2-line display when shipped from the factory. A 3-line display is activated if parameters are initialized (factory default setting recall). For details
on the third display line, refer to the User’s Manual, Basic Type (Cat. No. H156).
Power supply voltage
No D in model number: 100 to 240 VAC, 50/60 Hz
D in model number: 24 VAC, 50/60 Hz; 24 VDC
Operating voltage range
85% to 110% of rated supply voltage
Power
consumption
100 to 240 VAC: 10 VA
24 VAC/VDC: 5.5 VA (24 VAC)/4 W (24 VDC)
Sensor input
Models with temperature inputs
Thermocouple: K, J, T, E, L, U, N, R, S, B, W, or PL II
Platinum resistance thermometer: Pt100 or JPt100
Infrared temperature sensor: 10 to 70
°C, 60 to 120°C, 115 to 165°C, or 140 to 260°C
Voltage input: 0 to 50 mV
Models with analog inputs
Current input: 4 to 20 mA or 0 to 20 mA
Voltage input: 1 to 5 V, 0 to 5 V, or 0 to 10 V
Input impedance
Current input: 150
Ω max., Voltage input: 1 MΩ min. (Use a 1:1 connection when connecting the ES2-HB.)
Control method
ON/OFF control or 2-PID control (with auto-tuning)
Control
output
Relay output
SPST-NO, 250 VAC, 5 A (resistive load), electrical life: 100,000 operations, minimum applicable load: 5 V, 10
mA
Voltage output
(for driving SSR)
Output voltage: 12 VDC
±15% (PNP), max. load current: 40 mA,
With short-circuit protection circuit: Max. load current of 21 mA for control output 2
Current output
4 to 20 mA DC/0 to 20 mA DC, load: 600
Ω max., resolution: approx. 10,000
Long-life relay out-
put
SPST-NO, 250 VAC, 3 A (resistive load), electrical life: 1,000,000 operations, load power supply voltage: 75
to 250 VAC (DC loads cannot be connected.), minimum applicable load: 5 V, 10 mA, leakage current: 5 mA
max. (250 VAC, 60 Hz)
Auxiliary
output
Number of outputs
3
Output specifica-
tions
Relay output: SPST-NO, 250 VAC, 3 A (resistive load), electrical life: 100,000 operations, minimum applicable
load: 5 V, 10 mA
Event
input
Number of inputs
2
External contact in-
put specifications
Contact input: ON: 1 k
Ω max., OFF: 100 kΩ min.
Non-contact input: ON: Residual voltage: 1.5 V max., OFF: Leakage current: 0.1 mA max.
Current flow: Approx. 7 mA per contact
External power supply for ES1B 12 VDC
±10%, 20 mA, short-circuit protection circuit provided
Setting method
Digital setting using front panel keys
Indication method
11-segment digital display and individual indicators (7-segments display emulation also possible)
Character height: E5AN: PV: 15.8 mm, SV: 9.5 mm, MV: 6.8 mm; E5EN: PV: 11.8 mm, SV: 8.1 mm, MV:
5.8 mm
Content of 3-level display: PV/SV/MV, PV/SV/multi-SP, or soak time remain
✽
Number of digits: 4 for PV, SV, and MV
Multi SP
Up to four set points (SP0 to SP3) can be saved and selected using event inputs, key operations, or serial
communications.
Bank switching
Not supported.
Other functions
Manual output, heating/cooling control, loop burnout alarm, SP ramp, other alarm functions, heater burnout
detection, 40% AT, 100% AT, MV limiter, input digital filter, self-tuning, temperature input shift, run/stop,
protection functions, control output ON/OFF counter, extraction of square root, MV change rate limit, logic
operations, PV/SV status display, simple program, automatic cooling coefficient adjustment
Ambient operating temperature
−10 to 55°C (with no condensation or icing), for 3-year warranty: −10 to 50°C
Ambient operating humidity
25% to 85%
Storage temperature
−25 to 65°C (with no condensation or icing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com