Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5EN-R3HML-500-N Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # E5EN-R3HML-500-N
Description  Basic-type Digital Temperature Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5EN-R3HML-500-N Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button E5EN-R3HML-500-N Datasheet HTML 12Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 13Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 14Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 15Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 16Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 17Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 18Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 19Page - Omron Electronics LLC E5EN-R3HML-500-N Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
Basic-type Digital Temperature Controller
E5AN/E5EN
M
M
M
M
M
M
M
psel
cwf
u-no
1
bps
9.6
len
7
sbit
2
prty
even
sdwt
20
Starting in manual mode.
M
M
M
M
M
M
pmov
0
oapt
0
pmsk
on
prlp
0
icpt
1
wtpt
off
pfpt
off
M
25
M
M
M
M
M
M
M
M
M
M
ST (Self-tuning)
M
M
M
M
in-t
5
in-h
100
in-l
dp
d-u
sl-h
1300
sl-l
-200
cntl
onof
s-hc
stnd
st
on
ptrn
off
cp
20
c-cp
20
orev
or-r
0
0
c
M
M
M
l.adj
cmwt
off
at
off
M
M
M
M
M
M
ct1
0.0
0.0
0.0
hb1
0.0
hb2
0.0
M
M
50.0
50.0
M
M
oc1
50.0
oc2
50.0
M
M
M
sp-0
0
sp-1
0
sp-2
0
sp-3
0
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
M
of-r
50.0
soak
1
c-sc
1.00
d
40
p
8.0
i
233
c-db
0.0
hys
1.0
chys
1.0
ol-l
-5.0
wt-b
off
mv-s
0.0
mv-e
0.0
ol-h
105.0
M
M
M
ins
0.0
insh
0.0
insl
0.0
sprt
off
sqrp
0.0
M
M
M
a-m
25
25
0
M
M
M
M
M
M
M
sp-m
0
ct1
0.0
ct2
0.0
lcr1
0.0
lcr2
0.0
prst
rset
sktr
0
M
m-sp
0
r-s
run
M
M
M
M
M
M
M
M
M
M
M
M
c-o
0.0
al-1
0
al1h
0
al1l
0
al-2
0
al2h
0
al2l
0
al-3
0
al3l
0
al3h
0
o
0.0
M
orl
0.0
M
ct2
lcr1
hs1
lcr2
hs2
0.0
0.0
alh1
0.2
M
alt1
2
M
Power ON
Starting in
automatic
mode.
Manual Control Level
PID
Control
only
PV/MV
Press the
O Key less than 1 s.
Press the
O Key less than 1 s.
Operation Level
Adjustment
Level
Adjustment Level
Display
Displayed only
once when
entering
adjustment level.
AT Execute/Cancel
Communications
Writing
Heater Current 1
Value Monitor
Heater Burnout
Detection 1
Heater Overcurrent
Detection 1
Heater Current 2
Value Monitor
Heater Burnout
Detection 2
Heater Overcurrent
Detection 2
Leakage Current 1
Monitor
Leakage Current 2
Monitor
HS Alarm 1
HS Alarm 2
C
SP 0
SP 1
C
C
SP 2
SP used by
multi-SP
SP 3
C
C
C
C
C
C
C
C
Temperature Input Shift
1-point shift
2-point shift
Set either
of these
parameters.
Upper Limit
Temperature
Input Shift Value
Lower Limit
Temperature
Input Shift Value
Proportional Band
Integral Time
PID settings
Derivative Time
Cooling Coefficient
Heating/cooling
Dead Band
Manual Reset Value
Clear the offset during
stabilization of P or PD
control.
Hysteresis (Heating)
Hysteresis (Cooling)
Hysteresis settings
C
Soak Time
Wait Band
MV at Stop
MV at PV Error
C
SP Ramp Set Value
MV Upper Limit
MV Lower Limit
MV Change Rate Limit
Extraction of Square Root
Low-cut Point
C
Process Value
Added when Additional
PV display is ON.
C
Process Value/
Set Point
C
C
C
Auto/Manual Switch
PID control only.
Added when
auto/manual select
addition is ON.
Multi-SP
Set Point Setting
Set Point During
SP Ramp
Heater Current 1 Value
Monitor
Heater Current 2 Value
Monitor
Leakage Current 1
Monitor
Leakage Current 2
Monitor
Program Start
Soak Time Remain
Press the
O and M Keys for
at least 3 s.
Protect Level
Press the
O and M Keys for at least 1 s.
Press the
O Key
less than 1 s.
Communications
Setting Level
Note: The time taken to move to the protect
level can be adjusted by changing the
"Move to protect level time" setting.
Note: Displayed only for models with communications.
Changes are effective after cycling power or
after a software reset.
Move to Protect Level:
Displayed only when a password
is set. Restricts moving to protect
level.
Operation/Adjustment Protect:
Restricts displaying and
modifying menus in operation,
adjustment, and manual control
levels.
Initial Setting/
Communications Protect:
This protect level restricts movement
to the initial setting, communications
setting, and advanced function setting
levels.
Setting Change Protect:
Protects changes to setups by
operating the front panel keys.
Password to Move to Protect Level:
Password setting
PF Key Protect
Restricts PF key operation
(E5AN/E5EN only)
Parameter Mask Enable:
Displayed only when a
parameter mask is set.
Protocol Setting:
Switches between
CompoWay/F (SYSWAY)
and Modbus.
Communications Unit No.
Communications
Baud Rate
CompoWay/F
(SYSWAY) only
Communications
Data Length
Communications
Stop Bits
Communications Parity
Send Data Wait Time
C
RUN/STOP
Alarm Value 1
Alarm Value
Upper Limit 1
Alarm Value
Lower Limit 1
C
C
C
C
Alarm Value 2
Alarm Value
Upper Limit 2
Alarm Value
Lower Limit 2
Alarm Value 3
C
C
C
Alarm Value
Upper Limit 3
Alarm Value
Lower Limit 3
MV Monitor (Heating)
MV Monitor (Cooling)
Press the
O Key for
at least 1 s.
Press the
O Key less than 1 s.
Initial Setting Level
Input Type
Scaling Upper Limit
Scaling Lower Limit
Decimal Point
For input type of analog
C
C
Temperature Unit
°C, °F
For input type of
temperature
SP Upper Limit
SP Lower Limit
Limit the set point
PID ON/OFF
Standard or
Heating/Cooling
For input type of
temperature, standard
control, or PID
Program Pattern
When assigning PID or
control output to ON/OFF
output
Control Period (Heating)
Control Period (Cooling)
Set the ON/OFF
output cycle.
Direct/Reverse Operation
C
Alarm 1 Type
Alarm 1
Hysteresis
Press the
O Key for at least 3 s.
Other than the Auto/Manual Switch display
PF Key
✽2
Press the PF Key for
at least 1 s.
✽1
PF Key
✽2
Press the
O
Key or the PF
Key for at least
1 s.
✽1
✽1. When the PF Setting
parameter is set to A-M for a
Controller with a PF Key
(E5AN/E5EN).
✽2. When the PF Setting
parameter is set to PFDP for a
Controller with a PF Key
(E5AN/E5EN).
Press the
O Key
for at
least 3 s.
Parameters
Basic Type
Some parameters are not displayed depending on
the model of the Controller and parameter settings.
For details, refer to the E5CN/E5AN/E5EN Digital
Temperature Controllers User's Manual Basic Type
(Cat. No. H156).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com