Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM40 Datasheet(PDF) 1 Page - Eltime Ltd.

Part # AM40
Description  ANALOGUE TIMERS ELECTROMECHANICAL CAM TIMERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMPATRON [Eltime Ltd.]
Direct Link  https://www.tempatron.co.uk/
Logo TEMPATRON - Eltime Ltd.

AM40 Datasheet(HTML) 1 Page - Eltime Ltd.

  AM40 Datasheet HTML 1Page - Eltime Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Modular cam timer assembly kits
Cycle time 3 secs to 24 hrs
One on/off period per cycle
2, 4 or 6 micro switches
110 or 230V operation
Screw adjustable cams (tool supplied)
Tempatron Ltd, Darwin Close, Reading, Berks, RG2 0TB, UK Tel : 0118 931 4062 Fax : 0118 931 0175 e-mail : sales@tempatron.co.uk
ANALOGUE TIMERS
ELECTROMECHANICAL CAM TIMERS
These modular cam timer kits can be used to assemble
timers with 2, 4 or 6 microswitches, cycle times (one
revolution) from 3 seconds to 24 hours, supplied either from
110 or 230Vac. A complete timer gives one on/off switching
period per cam per cycle and will need an assembly frame, a
gear kit, a gearbox housing and a motor. The gear kits are
colour coded for ease of assembly. The completed timer will
accept standard V3 type microswitches (not supplied).
SPECIFICATION
Supply voltage :
110 or 230Vac
Supply frequency :
50Hz
Motor speed :
500rpm
Power consumption :
2VA
Lead length :
220mm
Operating temp rise :
45ºC typical
Cam diameter :
42mm
Microswitch type :
V3
Output rating :
16A @ 250Vac
Insulation :
2000Vac
Standard cycle times :
Seconds kit : 3, 6, 12, 30 secs
Minutes kit : 1, 2, 3, 6, 12, 30 mins
Hours kit : 1, 2, 3, 6, 12, 24 hours
Gearbox housing :
Glass filled Nylon
Minimum setting :
1/60 of cycle time
Mechanical life :
8 years continuous operation
Electrical life :
200,000 operations
Operating temp :
-10 to 55ºC
Weight (complete timer) : 2 way :350gms; 4 way : 400gms;
6 way :450gms
DIMENSIONS
CONNECTION DIAGRAM
L
N
M
NO NC
NO NC
2 CAM UNIT
L
L
47 dia
(motor)
57
A
B
Fully assembled 6 cam version shown
(See table)
No Cams
A
B
C
D
295
67
54
59
4
119
91
78
59
6
144
116
103
59
STANDARD ITEMS
2 cam assembly frame
5002
4 cam assembly frame
5004
6 cam assembly frame
5006
Description
Part Number
Seconds gear kit
AM40
Minutes gear kit
AM41
Hours gear kit
AM42
Gearbox housing & clip
AM59
Drive motor 110Vac 50Hz
AM23
Drive motor 230Vac 50Hz
AM24
All dimensions in millimetres
CxD
mounting hole centres
COMPLETE CAM TIMER
ASSEMBLY FRAME
DRIVE MOTOR
GEAR KIT
GEARBOX HOUSING


Similar Part No. - AM40

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AM40 ALLIED-AM40 Datasheet
261Kb / 1P
Axial Molded Inductors
logo
Tyco Electronics
AM40-0023 MACOM-AM40-0023 Datasheet
207Kb / 2P
Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
AM40-0023 MACOM-AM40-0023 Datasheet
139Kb / 2P
Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
logo
M/A-COM Technology Solu...
AM40-0023 MA-COM-AM40-0023 Datasheet
74Kb / 2P
Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
logo
Tyco Electronics
AM40-0023PIN MACOM-AM40-0023PIN Datasheet
139Kb / 2P
Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
More results

Similar Description - AM40

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
Precision Timers
logo
ON Semiconductor
MC1455 ONSEMI-MC1455 Datasheet
204Kb / 10P
Timers
March, 2004 ??Rev. 8
logo
Texas Instruments
TLC551 TI-TLC551 Datasheet
277Kb / 16P
LinCMOSE TIMERS
logo
ON Semiconductor
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
Timers
February, 2006 ??Rev. 9
logo
List of Unclassifed Man...
DMB01CM24 ETC2-DMB01CM24 Datasheet
132Kb / 4P
Timers Multifunction
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
logo
Texas Instruments
TLC551 TI1-TLC551_06 Datasheet
297Kb / 17P
LinCMOSE TIMERS
logo
Carlo Gavazzi Holding A...
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
Timers Multifunction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com