Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-24G-PAOBHP Datasheet(PDF) 1 Page - rfsolutions.ltd

Part # ANT-24G-PAOBHP
Description  ANTENNA, PROANT, ONBOARD, 2.4GHZ
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

ANT-24G-PAOBHP Datasheet(HTML) 1 Page - rfsolutions.ltd

  ANT-24G-PAOBHP Datasheet HTML 1Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Internal antennas for mounting on PCB by solder pins
or cable. For 2.4 GHz the antennas are available with
different polarization and directivity for different ap-
plications, can also be combined for diversity or MIMO-
systems.
OnBoardTM2.4GHzR/L-CP
VSWR: < 1:3 1)
RL: < -6 dB 1)
Polarization: Circular 1)
Directivity: ≅ 6 dB 1)
Beam width: ≅80degrees 1)
Size: 31 x 31 x 5 mm
1) Depends on mechanical and
electrical design and antenna pla-
cement. Contact ProAnt for design
guidelines.
OnBoardTM2.4GHzHP
VSWR: < 1:2 1)
RL: < -10 dB 1)
Efficiency: ≅70% 1)
Polarization: Horisontal 1)
Directivity: Omni Vertical-plane1)
Size: 21 x 8 x 5 mm
1) Depends on mechanical and
electrical design and antenna pla-
cement. Contact ProAnt for design
guidelines.
Patent pending
Subjected to change without notice
www.proant.se
OnBoardTM
OnBoardTM2.4GHzVP
VSWR: < 1:2 1)
RL: < -10 dB 1)
Efficiency: ≅70% 1)
Polarization: Vertical 1)
Directivity: Omni Horizontal-plane1)
Size: 21 x 21 x 5 mm
1) Depends on mechanical and
electrical design and antenna pla-
cement. Contact ProAnt for design
guidelines.


Similar Part No. - ANT-24G-PAOBHP

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
ANT-24G-PAOBHP RFSOLUTIONS-ANT-24G-PAOBHP Datasheet
206Kb / 1P
ANTENNA, PROANT, ONBOARD, GSM
More results

Similar Description - ANT-24G-PAOBHP

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
ANT-24G-HL90-SMA RFSOLUTIONS-ANT-24G-HL90-SMA Datasheet
592Kb / 4P
2.4GHz Antenna
logo
List of Unclassifed Man...
A10192-L ETC2-A10192-L Datasheet
559Kb / 10P
Fusca 2.4GHz SMD Antenna
logo
Taoglas antenna solutio...
WCM010151 TAOGLAS-WCM010151 Datasheet
4Mb / 30P
2.4GHz Button Antenna
CBD01070100C TAOGLAS-CBD01070100C Datasheet
7Mb / 19P
2.4GHz Cable Dipole Antenna
logo
Pulse A Technitrol Comp...
W3008G PULSE-W3008G Datasheet
1Mb / 15P
2.4GHz Ceramic Chip Antenna
W3613 PULSE-W3613 Datasheet
1Mb / 14P
2.4GHz SMT PIFA Antenna
logo
rfsolutions.ltd
ANT-24G-S21-P5FL RFSOLUTIONS-ANT-24G-S21-P5FL Datasheet
1Mb / 4P
2.4GHz Miniature PIGTail Antenna
ANT-24G-DPL-1 RFSOLUTIONS-ANT-24G-DPL-1 Datasheet
983Kb / 2P
Mini Dipole Antenna 2.4GHz
2010
logo
Abracon Corporation
PRO-OB-430 ABRACON-PRO-OB-430 Datasheet
727Kb / 11P
OnBoard GNSS/GPS SMD - Antenna
PRO-OB-440 ABRACON-PRO-OB-440 Datasheet
835Kb / 12P
OnBoard 2.4 GHz SMD - Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com