Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KCF1PZ. Datasheet(PDF) 1 Page - Schneider Electric

Part # KCF1PZ.
Description  TeSys VARIO / Mini VARIO - front and red rotary handle - 1 to 3 padlocking
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

KCF1PZ. Datasheet(HTML) 1 Page - Schneider Electric

  KCF1PZ. Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mar 09, 2017
1
Product datasheet
Characteristics
KCF1PZ
TeSys VARIO / Mini VARIO - front and red rotary
handle - 1 to 3 padlocking
Main
Range
TeSys
Device short name
KCF1
Product or component type
Rotary handle
Product compatibility
VN20
VN12
V02...V2
Handle colour
Red
Complementary
Handle front plate colour
Yellow
Rotary handle padlocking
1 to 3 padlocks with diameter : 4...8 mm
Marking
0 - 1
Fixing mode
By 4 screws
Base dimension
60 x 60 mm
Height
60 mm
Width
60 mm
Product weight
0.075 kg
Environment
IP degree of protection
IP65
Contractual warranty
Warranty period
18 months


Similar Part No. - KCF1PZ.

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
KCF16A20 NIEC-KCF16A20 Datasheet
43Kb / 4P
Low Forward Voltage drop Diode
logo
Kyocera Kinseki Corpota...
KCF16A20 KSS-KCF16A20 Datasheet
733Kb / 5P
Fast Recovery Diode
logo
Inchange Semiconductor ...
KCF16A20 ISC-KCF16A20 Datasheet
285Kb / 2P
Fast Recovery Diode
logo
National Instruments Co...
KCF16A20 NI-KCF16A20_15 Datasheet
124Kb / 1P
FRED
logo
Nihon Inter Electronics...
KCF16A40 NIEC-KCF16A40 Datasheet
43Kb / 4P
FRD - Low Forward Voltage Drop
More results

Similar Description - KCF1PZ.

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VN20 SCHNEIDER-VN20 Datasheet
127Kb / 3P
TeSys Mini-VARIO - Switch body for switchdisconnector 3 poles - 20 A
Jul 12, 2021
9421V1G30 SCHNEIDER-9421V1G30 Datasheet
142Kb / 1P
Manual Motor Switch, TeSys Vario, rotary handle, 20A, 3 pole, 10HP at 480V, metallic enclosure, UL Type 1
Jul 7, 2021
9421V1A30X20 SCHNEIDER-9421V1A30X20 Datasheet
129Kb / 1P
Manual Motor Switch, TeSys Vario, rotary handle, 20A, 3 pole, 10HP at 480V, metallic enclosure, UL Type 1
Jul 7, 2021
KZ32 SCHNEIDER-KZ32 Datasheet
103Kb / 2P
TeSys Mini-VARIO and VARIO - door interlock - set of 5
Feb 10, 2022
KZ74 SCHNEIDER-KZ74 Datasheet
103Kb / 2P
TeSys Mini-VARIO and VARIO - door interlock - set of 5
Feb 10, 2022
KZ77 SCHNEIDER-KZ77 Datasheet
107Kb / 2P
TeSys Mini-VARIO and VARIO - Blank legend plate - set of 10
Feb 10, 2022
KZ81 SCHNEIDER-KZ81 Datasheet
134Kb / 2P
TeSys Mini-VARIO and VARIO - mounting plate for handle - set of 5
Feb 10, 2022
KZ83 SCHNEIDER-KZ83 Datasheet
162Kb / 2P
TeSys VARIO - mounting plate for handle - set of 5
Feb 10, 2022
VZN05 SCHNEIDER-VZN05 Datasheet
119Kb / 3P
TeSys Mini-VARIO - auxiliary contact block - 1 NO
Jun 22, 2022
VZN06 SCHNEIDER-VZN06 Datasheet
119Kb / 3P
TeSys Mini-VARIO - auxiliary contact block - 1 NC
Jun 22, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com