Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4IDC5-SW Datasheet(PDF) 2 Page - Opto 22

Part # G4IDC5-SW
Description  G4 Digital DC Input Modules
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

G4IDC5-SW Datasheet(HTML) 2 Page - Opto 22

  G4IDC5-SW Datasheet HTML 1Page - Opto 22 G4IDC5-SW Datasheet HTML 2Page - Opto 22 G4IDC5-SW Datasheet HTML 3Page - Opto 22 G4IDC5-SW Datasheet HTML 4Page - Opto 22 G4IDC5-SW Datasheet HTML 5Page - Opto 22 G4IDC5-SW Datasheet HTML 6Page - Opto 22  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
G4 Digital DC Input Modules
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2012 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
2
Specifications
G4IDC5-SW and G4IDC5-SWNC modules
See page 2 for specifications and other information for the
G4IDC5-SW and G4IDC5-SWNC self-powered modules.
Schematic drawings for these modules appear on page 5.
Units
G4IDC5
G4IDC5B
G4IDC5D
G4IDC5G
Input voltage range
VDC
VAC
10–32
12–32
4–16
4–16
2.5–28
—
35–60
35–60
Key feature
—
Higher speed
High speed
—
Input current at maximum line
mA
25
45
30
6
Isolation, input-to-output (transient):
1 ms
1 minute
V
V
4000
1500
4000
1500
4000
1500
4000
1500
Turn-on time
ms
5
0.05
1
10
Turn-off time
ms
5
0.1
1.5
10
Input allowed for off-state
mA, V
1, 3
0.7, 1
0.2, 1
0.7, 7
Nominal output supply voltage
VDC
5
5
5
5
Output supply voltage range
VDC
4.5–6
4.5–6
4.5–6
4.5–6
Output supply current at
nominal logic voltage
mA
12
12
12
12
Input resistance (R1 in schematic)
ohms
1.5 K
300
900
10 K
Control resistance (Rc in schematic)
ohms
220
220
470
220
Output voltage drop
V @ 50 mA
0.4
0.4
0.4
0.4
Output current (sinking)
mA
50
50
50
50
Output leakage with no input
microamps @
30 VDC
100
100
10
100
Transistor
V breakdown
30
30
30
30
Temperature:
Operating
Storage
°C
°C
–30 to +70
–30 to +85
–30 to +70
–30 to +85
–30 to +70
–30 to +85
–30 to +70
–30 to +85



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com