Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA45MC Datasheet(PDF) 7 Page - TUK Ltd

Part # KA45MC
Description  25 x 38 Keystone Angled Faceplate Adaptor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

KA45MC Datasheet(HTML) 7 Page - TUK Ltd

Back Button KA45MC Datasheet HTML 2Page - TUK Ltd KA45MC Datasheet HTML 3Page - TUK Ltd KA45MC Datasheet HTML 4Page - TUK Ltd KA45MC Datasheet HTML 5Page - TUK Ltd KA45MC Datasheet HTML 6Page - TUK Ltd KA45MC Datasheet HTML 7Page - TUK Ltd KA45MC Datasheet HTML 8Page - TUK Ltd KA45MC Datasheet HTML 9Page - TUK Ltd KA45MC Datasheet HTML 10Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
25 x 50 Keystone Angled Faceplate Adaptor
Fitted with keystone as illustration
Keystone angled faceplate adaptor 25 x 50 (KA45mc)
These 25 x 50 angled adaptors have been designed for use with “Euro” 25 x 50 faceplates
Features
Angled modules minimize issues with bend radius and are suitable for use with shallow backboxes or
larger keystones
Available in bright white (for faceplates and trunking)
Sprung shutter
Window and paper labelling facility
Suitable of Category 5e, 6 and 6A connectors and others, such as UK voice (shown above)
Specifications
Colour: White
Material: ABS UL94-V0
Dimensions: 52.1 x 25 x 29.31mm (L x W x D)
Weight: 6g approx
Packaging: in individual polythene bag then in packs of 20
08/11/2016



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com