Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA45WHEP Datasheet(PDF) 9 Page - TUK Ltd

Part # KA45WHEP
Description  25 x 38 Keystone Angled Faceplate Adaptor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

KA45WHEP Datasheet(HTML) 9 Page - TUK Ltd

Back Button KA45WHEP Datasheet HTML 2Page - TUK Ltd KA45WHEP Datasheet HTML 3Page - TUK Ltd KA45WHEP Datasheet HTML 4Page - TUK Ltd KA45WHEP Datasheet HTML 5Page - TUK Ltd KA45WHEP Datasheet HTML 6Page - TUK Ltd KA45WHEP Datasheet HTML 7Page - TUK Ltd KA45WHEP Datasheet HTML 8Page - TUK Ltd KA45WHEP Datasheet HTML 9Page - TUK Ltd KA45WHEP Datasheet HTML 10Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Keystone Faceplate Adaptor
Fitted with keystone as illustration
Keystone faceplate adaptor (KA90cav)
These straight through adaptors have been designed for use in standard “Euro” 25 x 50 faceplates
which easily connect into industry standard trunking, wall or floor box installations.
Features
Labelling facility
Accommodate most keystone jacks including those which protrude beyond the faceplate, such as fibre,
‘F’ type and speaker connectors
Suitable for HDMI connectors
Specifications
Colour: White (available to order in black)
Material: ABS UL94-V0
Dimensions: 24.8 x 49.8 x 14.5mm (W x H x D)
Weight: 4g approx
Packaging: in individual polythene bag then in packs of 20
08/11/2016



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com