Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BE-R Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # BE-R
Description  STANDARD BASIC SWITCH CUT-A-WAY
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

BE-R Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  BE-R Datasheet HTML 1Page - Honeywell Solid State Electronics Center BE-R Datasheet HTML 2Page - Honeywell Solid State Electronics Center BE-R Datasheet HTML 3Page - Honeywell Solid State Electronics Center BE-R Datasheet HTML 4Page - Honeywell Solid State Electronics Center BE-R Datasheet HTML 5Page - Honeywell Solid State Electronics Center BE-R Datasheet HTML 6Page - Honeywell Solid State Electronics Center BE-R Datasheet HTML 7Page - Honeywell Solid State Electronics Center BE-R Datasheet HTML 8Page - Honeywell Solid State Electronics Center BE-R Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Basic Switches
BZ/BA Series
Standard
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
47
STANDARD BASIC SWITCH CUT-A-WAY
The cut-a-way shown is representative of the standard basic switches described in this
catalog.
GENERAL INFORMATION
MICRO SWITCH standard basic switches
are precision snap-action mechanisms
enclosed in accurately molded plastic
cases. These switches are carefully man-
ufactured and thoroughly inspected.
They are industry known for their com-
pactness, light weight, accurate repeata-
bility and long life.
The type BZ switch design meets most
applications needs. Modifications of the
standard silver contact design and mate-
rial, spring configuration, and plunger lo-
cations give the type BM, BA and BE
switches greater electrical load handling
capacity. Other changes in materials and
switch design provide operating charac-
teristics, temperature tolerances, and
sealing to cover a wide range of special
requirements.
FEATURES
Operating force as low as 4 oz. (113
grams) maximum
Sensitive differential travel as low as
.0002 to .0003 inches (0,005 to 0,008
mm)
Power load switching capability to 25
amperes
Motor handling capacity to 2 horse-
power at 250 VAC
Long mechanical life
High temperature constructions for up
to
+400°F (204°C)
Momentary or maintained contact
action
Alloy contacts available for special ap-
plication needs
Variety of integral actuators
Variety of auxiliary actuators
Variety of terminal designs
Optional sealed plunger and cover
Stainless steel snap spring available
Military standard construction availa-
ble with over 50 listings on the MIL-
S-8805 Qualified products list
UL recognized, CSA certified
Characteristics as stated are taken at nor-
mal room temperature and humidity.
These may vary as temperature and hu-
midity conditions differ.
MOUNTING DIMENSIONS
Mounting dimensions are included at the
end of each product section. They are
shown in English and metric equivalents.
These dimensions are for reference only.
For exacting layout work, request an engi-
neering layout work, request an engineer-
ing drawing from the 800 number.
Mounting holes for Types BZ, BM, BA, BE,
DT, MT, and 6AS switches accept pins or
screws of .139 inch (3,53 mm) diameter.
RECOMMENDED TORQUE (max.)
Mounting screws ............3 in./lbs.*
Terminal screws ..............4 in./lbs.
Panel mount bushing .......4-6 in./lbs.
* Note: Tightening
mounting
screws
above 3 in./lbs. changes operat-
ing characteristics and increases
the possibility of cracking the
case.
GENERAL SWITCH IDENTIFICATION
First letter in catalog listing designates:
B = Single-pole double-throw
W = Single-pole single-throw (normally closed)
Y = Single-pole single-throw (normally open)
Second letter in catalog listing designates:
Z = Standard 15-amp version
M = 22-amp version
A = Standard 20-amp version
E = 25-amp version
This section covers only over 100 of our most popular BZ/BA type Series
catalog listings. If you don’t find what you’re looking for, it’s likely one of
the approximately 1800 other active listings will meet your needs. Con-
tact the 800 number.
UL/CSA
Our basic switches are Component Recognized by Underwriters’ Laboratories, Inc. and certified by Canadian Standards Associ-
ation. The BA, BZ, and BM line is covered as Special Use Switches to UL Standard 1054; the BE line is covered as an Industrial Motor
Controller to UL Standard 508.
Agency File References
are:
BA
UL File E12252, issued 12-09-88
BM
UL File E12252, issued 12-08-88
BZ
UL File E12252, issued 6-29-89
BE-1,2,5
UL File E22779, Vol. 4, Sec. 1
BE-R
UL File E22779, Vol. 4, Sec. 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com