Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPZA65R018CM8 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPZA65R018CM8
Description  MOSFET 650V CoolMOS™ CM8 Power Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPZA65R018CM8 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPZA65R018CM8 Datasheet HTML 7Page - Infineon Technologies AG IPZA65R018CM8 Datasheet HTML 8Page - Infineon Technologies AG IPZA65R018CM8 Datasheet HTML 9Page - Infineon Technologies AG IPZA65R018CM8 Datasheet HTML 10Page - Infineon Technologies AG IPZA65R018CM8 Datasheet HTML 11Page - Infineon Technologies AG IPZA65R018CM8 Datasheet HTML 12Page - Infineon Technologies AG IPZA65R018CM8 Datasheet HTML 13Page - Infineon Technologies AG IPZA65R018CM8 Datasheet HTML 14Page - Infineon Technologies AG IPZA65R018CM8 Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
650V CoolMOS™ CM8 Power Transistor
IPZA65R018CM8
Public
Datasheet
11
Revision 2.1
https://www.infineon.com
2025‑03‑07
5   Test circuits
Table 8      Diode characteristics
Table 9      Switching times (ss)
Table 10      Unclamped inductive load (ss)
Test circuit for diode characteristics
Diode recovery waveform
VDS
IF
Rg1
Rg 2
Rg1 = Rg 2
Switching times test circuit for inductive load
Switching times waveform
VDS
VGS
td(on)
td(off)
tr
ton
tf
toff
10%
90%
VDS
VGS
Unclamped inductive load test circuit
Unclamped inductive waveform
VDS
V(BR)DS
ID
VDS
VDS
ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com