Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPZA65R040CM8 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # IPZA65R040CM8
Description  MOSFET 650V CoolMOS™ CM8 Power Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPZA65R040CM8 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button IPZA65R040CM8 Datasheet HTML 7Page - Infineon Technologies AG IPZA65R040CM8 Datasheet HTML 8Page - Infineon Technologies AG IPZA65R040CM8 Datasheet HTML 9Page - Infineon Technologies AG IPZA65R040CM8 Datasheet HTML 10Page - Infineon Technologies AG IPZA65R040CM8 Datasheet HTML 11Page - Infineon Technologies AG IPZA65R040CM8 Datasheet HTML 12Page - Infineon Technologies AG IPZA65R040CM8 Datasheet HTML 13Page - Infineon Technologies AG IPZA65R040CM8 Datasheet HTML 14Page - Infineon Technologies AG IPZA65R040CM8 Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
650V CoolMOS™ CM8 Power Transistor
IPZA65R040CM8
Public
Datasheet
14
Revision 2.1
https://www.infineon.com
2025‑03‑07
IPZA65R040CM8
Revision 2025‑03‑07, Rev. 2.1
Previous revisions
Revision Date
Subjects (major changes since last revision)
2.0
2024‑12‑19 Release of final version
2.1
2025‑03‑07 Update of maximum transient thermal impedance and SOA
  Revision history



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com