Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC5019MTA.. Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSC5019MTA..
Description  NPN Epitaxial Silicon Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC5019MTA.. Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSC5019MTA.. Datasheet HTML 1Page - Fairchild Semiconductor KSC5019MTA.. Datasheet HTML 2Page - Fairchild Semiconductor KSC5019MTA.. Datasheet HTML 3Page - Fairchild Semiconductor KSC5019MTA.. Datasheet HTML 4Page - Fairchild Semiconductor KSC5019MTA.. Datasheet HTML 5Page - Fairchild Semiconductor KSC5019MTA.. Datasheet HTML 6Page - Fairchild Semiconductor KSC5019MTA.. Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSC5019 Rev. 1.4
September 2015
KSC5019
NPN Epitaxial Silicon Transistor
Features
• Low Saturation
•VCE(sat) = 0.5 V at IC = 2 A, IB = 50 mA
Ordering Information
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Note:
1. PW ≤ 10 ms, duty cycle ≤ 30%
Part Number
Top Mark
Package
Packing Method
KSC5019MTA
C5019
TO-92 3L
Ammo
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
30
V
VCES
Collector-Emitter Voltage
30
V
VCEO
Collector-Emitter Voltage
10
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current (DC)
2
A
ICP
Collector Current (Pulse)(1)
5A
IB
Base Current
2
A
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 to 150
°C
1. Emitter
1 2 3
1
2
3
Straight Lead
Bent Lead
TO-92
Bulk Packing
Tape & Reel
Ammo Packing
2. Collector
3. Base



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com