Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management Integrated Circuit (PMIC) for i.MX35/51
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 14Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 15Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 16Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 158 page
background image
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
MC13892
I/O CHARACTERISTICS (CONTINUED) (19)
VSRTC, Voltage Output
1.1
–
1.3
V
DVS1, DVS2, Weak Pull-down (20)
Input Low
Input High
0.0
0.7* SPIVCC
–
–
0.3* SPIVCC
3.1
V
GPO1, CMOS
Output Low, -400
A
Output High, 400
A
To VCORE
0.0
VCORE- 0.2
200
–
–
–
0.2
VCORE
500
V
Ohm
GPO2, GPO3, GPO4, CMOS
Output Low, -100
A
Output High, 100
A
0.0
VIOHI - 0.2
–
–
0.2
VIOHI
V
GPO4, Analog Input
0.0
–
VCORE+0.3
V
CS, CLK, MOSI, VBUSEN, Weak Pull-down on CS and VBUSEN (20)
Input Low
Input High
0.0
0.7* SPIVCC
–
–
0.3* SPIVCC
SPIVCC+0.3
V
CS, MOSI (at Booting for SPI / I2C decoding), Weak Pull-down on CS (21)
Input Low
Input High
0.0
0.7 * VCORE
–
–
0.3 * VCORE
VCORE
V
MISO, INT, CMOS (22)
Output Low, -100
A
Output High, 100
A
0.0
SPIVCC -0.2
–
–
0.2
SPIVCC
V
PUMS1, PUMS2 (22)
PUMSxS = 00
PUMSxS = 01, Load < 10 pF
PUMSxS = 10
PUMSxS = 11
0.0
Open
1.3
2.5
–
–
–
–
0.3
Open
2.0
3.1
V
MODE (23)
Input Low
Input Med
Input High
0.0
1.1
VCORE
–
–
–
0.4
1.7
9.0
V
Notes
19.
SPIVCC is typically connected to the output of buck regulator: SW4 and set to 1.800 V
20.
A weak pull-down represents a nominal internal pull down of 100 nA unless otherwise noted
21.
The weak pull-down on CS is disabled if a VIH is detected at startup to avoid extra consumption in I2C mode
22.
The output drive strength is programmable
23.
Input state is latched in first phase of cold start, refer to Power Control System for description of PUMS configuration
24.
Input state is not latched
Table 5. Static Electrical Characteristics (continued)
Characteristics noted under conditions -40
C  TA  85 C, GND = 0 V unless otherwise noted. Typical values noted reflect
the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com