Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33975A Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 33975A
Description  Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33975A Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 33975A Datasheet HTML 24Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 25Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 26Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 27Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 28Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 29Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 30Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 31Page - Freescale Semiconductor, Inc 33975A Datasheet HTML 32Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
33975
PACKAGE DIMENSIONS (CONTINUED)
EK SUFFIX
32-PIN EXPOSED PAD
98ASA10556D
REVISION D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com