Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K8DT-AS2CD Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # K8DT-AS2CD
Description  Single-phase Current Relay
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8DT-AS2CD Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button K8DT-AS2CD Datasheet HTML 5Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 6Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 7Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 8Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 9Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 10Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 11Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 12Page - Omron Electronics LLC K8DT-AS2CD Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
K8DT-AS
9
Checking Operation
Overcurrents
Gradually increase the input from 80% of the set value.
The input will equal the operating value when the input
exceeds the set value and the alarm indicator starts flashing.
Operation can be checked by the relay outputs that will start
after the operating time has passed.
Undercurrent
Gradually decrease the input from 120% of the setting and
check the operation using the same method as for
overcurrent.
How to Measure the Operating Time
Overcurrent
Change the input suddenly from 0% to 120% of the set value
and measure the time until the Unit operates.
Undercurrent
Change the input suddenly from 120% to 0% of the set value
and measure the time until the Unit operates.
Monitoring Switch-mode Power Supplies
Switch-mode Power Supplies cannot be monitored. In circuits
with a capacitor input, including switch-mode power supplies,
the input capacitor recharge current flows in pulse form as the
load current. The K8DT-AS
@ has a built-in filter as a
countermeasure against high frequencies and cannot be
used to remove pulse current.
Can a motor with a rated current of 5 A be monitored
using the K8DT?
Are there any application precautions?
The K8DT-AS1 and K8DT-AS2 cannot be used with motor
loads. Use the K8DT-AS3 in combination with the K8AC-
CT200L Current Transformer (CT). With motor loads, the
startup current and stall current will cause a current of many
times the rated current to flow. Refer to the following figure for
information on the motor startup current.
For a motor with a rating of 5 A, the startup current will be
approximately 30 A. The startup current will exceed the
overload capacity (rating: 150% for 1 s) of the K8DT-AS1 and
K8DT-AS2 and result in failure of the Relay.
To monitor the motor load, use the K8DT-AS3. (Overload
capacity: 120% of rating for continuous load, 200% of rating
for 30 s, and 600% of rating for 1 s).
The K8DT-AS3 has a large input range. Pass the conductors
multiple times through the special CT.
Concept behind Passing Conductor through the
CT When Using the K8DT-AS3
Example: Monitoring Overload of a Motor with a Rated Current of 5 A
K8DT set value:
Overcurrent detection, operating value setting: 25%, operating time: 0.1 s
Startup lock timer: 0.1 to 30 s (Set the timer according to the duration
of the startup current.)
The setting range for the K8DT-AS3 is 10% to 100% of the rated
current (i.e., 10 to 100 A). Pass the conductors through the CT five
times so that at least 10 A of current flows. The input current to the
K8DT will be 25 A (i.e., 5 A x 5 loops).
If a startup current of six times the rated current is generated, it will be
150 A (i.e., 25 A x 6). The overload capacity for the K8DT-AS3 is
200% of the rating for 30 s. The Relay will not fail even if the startup
current continues for 30 s, and it is possible to perform overload
detection.
Questions and Answers
Q
Current input
Set value
Alarm indicator
Flashing
5s
Lit
Contact output or
transistor output
A1
Output
Input terminals
Power
supply
A2
±C
100 VAC
100 VAC
100 V
A
Cycle counter
0 to 10 A
30
Ω
400 W (two in parallel)
Variable autotransformer
Example: Operating Mode = Overcurrent, Output Drive Mode =
Normally Open, and Operating Time = 5 s
Connection Diagram
Q
Q
Q
Several seconds to
several tens of seconds
Time from beginning of startup
100%
500%
K8AC-CT200L
Primary-side conductor
To the K8DT-AS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com