Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K8DT-AS3CD Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # K8DT-AS3CD
Description  Single-phase Current Relay
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8DT-AS3CD Datasheet(HTML) 5 Page - Omron Electronics LLC

  K8DT-AS3CD Datasheet HTML 1Page - Omron Electronics LLC K8DT-AS3CD Datasheet HTML 2Page - Omron Electronics LLC K8DT-AS3CD Datasheet HTML 3Page - Omron Electronics LLC K8DT-AS3CD Datasheet HTML 4Page - Omron Electronics LLC K8DT-AS3CD Datasheet HTML 5Page - Omron Electronics LLC K8DT-AS3CD Datasheet HTML 6Page - Omron Electronics LLC K8DT-AS3CD Datasheet HTML 7Page - Omron Electronics LLC K8DT-AS3CD Datasheet HTML 8Page - Omron Electronics LLC K8DT-AS3CD Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
K8DT-AS
5
Timing Charts
Overcurrent Operation Diagram
(Output Drive Method: Normally Open)
DIP switch setting: SW3 OFF, SW4 OFF
Undercurrent Operation Diagram
(Output Drive Method: Normally Closed)
DIP switch setting: SW3 ON, SW4 ON
Nomenclature
Front
Note: Use solid wires, stranded wires, or ferrules to connect to the
terminals.
To maintain the withstand voltage after connecting the
terminals, insert 8 mm of exposed conductor into the terminal.
Indicators
Setting Knobs
Hysteresis
(5% to 50% of operating value)
Lit
Flashing
t
t: Operating time (0.1 to 30 s)
Delay time: 250 ms
(reference value)
LOCK: Startup lock time (0 to 30 s)
LOCK
Power supply
voltage
Contacts 11-14 or
transistor output
Contacts 11-12
Set value
Input
Alarm indicator
Hysteresis (5% to 50% of operating value)
Flashing
t
t: Operating time (0.1 to 30 s)
Power supply
voltage
Contacts 11-12
Set value
Alarm indicator
Lit
Contacts 11-14 or
transistor output
Input
Delay time: 250 ms (reference value)
Terminal block
(See note.)
Terminal block
(See note.)
Current knob (SV)
Hysteresis knob (HYS)
Operating time knob (T)
Startup lock time knob
(LOCK)
Power indicator
Output status indicator
Alarm indicator
8 mm
8 mm
Solid Wire
8 mm
Stranded Wires
Ferrules
Item
Meaning
Power indicator
(PWR: Green)
Lit when power is being supplied.
Output status indicator
(Output: Yellow)
Lights for output
Alarm indicator
(ALM: Red)
Lit when there is an overcurrent or
undercurrent.
The indicator flashes to indicate the error
status after the input has exceeded the set
value while the operating time is being
clocked.
Item
Usage
Current knob (SV)
Used to set the current to 10% to 100% of
maximum setting range.
Hysteresis knob (HYS)
Used to set the rest value to 5% to 50% of
the operating value.
Operating time knob (T)
Used to set the operating time to 0.1 to 30 s.
Startup lock time knob
(LOCK)
Used to set the startup lock time to 0 to 30 s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com