Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K8DT-AS2 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # K8DT-AS2
Description  Single-phase Current Relay
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K8DT-AS2 Datasheet(HTML) 4 Page - Omron Electronics LLC

  K8DT-AS2 Datasheet HTML 1Page - Omron Electronics LLC K8DT-AS2 Datasheet HTML 2Page - Omron Electronics LLC K8DT-AS2 Datasheet HTML 3Page - Omron Electronics LLC K8DT-AS2 Datasheet HTML 4Page - Omron Electronics LLC K8DT-AS2 Datasheet HTML 5Page - Omron Electronics LLC K8DT-AS2 Datasheet HTML 6Page - Omron Electronics LLC K8DT-AS2 Datasheet HTML 7Page - Omron Electronics LLC K8DT-AS2 Datasheet HTML 8Page - Omron Electronics LLC K8DT-AS2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
K8DT-AS
4
Connections
Terminal Diagram
Note: 1. Do not connect anything to terminals that are shaded in gray.
2. There is no polarity for the DC power supply input.
3. For the current input, you can input only from the C terminal and one other terminal.
4. Refer to Setting Ranges and Wiring Connections on the I1, I2, and I3 current input terminals.
5. The K8DT-AS3 is designed to be used in combination with the OMRON K8AC-CT200L Current Transformer (CT).
Wiring Example
Directly Inputting a Current
Using a CT
Transistor Output
Note: Use copper wires with a rating of 75°C or an equivalent rating.
Inside
Inside
(1)
Current Input
AS1
(2)
Output
C: Relay Output
T: Transistor Output
(3)
Power Supply Voltage
A: 100 to 240 VAC
D: 24 VAC/DC
(No polarity)
500mA max.
20mA max.
100mA max.
AS2
AS3
CT
100A max.
200A max.
1A max.
5A max.
A1
I1
I3
14
A2
I2
11
12
C
CT
K8DT-AS1 C A
(1) (2) (3)
I1
I3
I2
C
I1
I3
I2
C
I1
I3
I2
C
14
11
12
A1
A2
A1
A2
14
11
DIP SW
DIP SW
Single-phase
power supply
Load
Power supply
voltage
A1
A2
Power
supply
AC/DC
A1
I1
I3
14
A2
I2
11
12
C
Single-phase
power supply
Load
Power supply
voltage
A1
A2
Power
supply
AC/DC
CT
DIP SW
A1
I1
I3
14
A2
I2
11
12
C
PLC
Single-phase
power supply
Load
Power supply
voltage A1
A2
Power
supply
AC/DC
DIP SW
A1
I1
I3
14
A2
I2
11
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com