Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100D Datasheet(PDF) 4 Page - Beehive Electronics LLC

Part # 100D
Description  100 Series EMC Probes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEEHIVEELECTRONICS [Beehive Electronics LLC]
Direct Link  https://beehive-electronics.com/
Logo BEEHIVEELECTRONICS - Beehive Electronics LLC

100D Datasheet(HTML) 4 Page - Beehive Electronics LLC

  100D Datasheet HTML 1Page - Beehive Electronics LLC 100D Datasheet HTML 2Page - Beehive Electronics LLC 100D Datasheet HTML 3Page - Beehive Electronics LLC 100D Datasheet HTML 4Page - Beehive Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 Beehive Electronics · Tel: (707) 824-9206 · info@beehive-electronics.com
rev. 2.2
8555 Lawrence Lane, Sebastopol CA 95472
Loop Probe Output Power vs. Frequency
at 1 microtesla Field Strength
-100.00
-80.00
-60.00
-40.00
-20.00
0.00
20.00
0.1
1
10
100
1000
10000
Frequency (MHz)
100C (large loop)
100A (medium loop)
100B (small loop)
Figure 1
100D Stub Probe Output Power vs. Frequency
at 1 volt/meter field strength
-130.00
-120.00
-110.00
-100.00
-90.00
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
0.1
1
10
100
1000
10000
Frequency (MHz)
Figure 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com