Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88411 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # ACT88411
Description  Power Loss Protection with Power Management
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88411 Datasheet(HTML) 4 Page - Qorvo, Inc

  ACT88411 Datasheet HTML 1Page - Qorvo, Inc ACT88411 Datasheet HTML 2Page - Qorvo, Inc ACT88411 Datasheet HTML 3Page - Qorvo, Inc ACT88411 Datasheet HTML 4Page - Qorvo, Inc ACT88411 Datasheet HTML 5Page - Qorvo, Inc ACT88411 Datasheet HTML 6Page - Qorvo, Inc ACT88411 Datasheet HTML 7Page - Qorvo, Inc ACT88411 Datasheet HTML 8Page - Qorvo, Inc ACT88411 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACT85411
Power Loss Protection with Power Management
ACT85411 Datasheet Brief, Rev. A March 2025
4 of 10
www.qorvo.com
®
© 2025 Qorvo US, Inc. – All Rights Reserved
FUNCTIONAL BLOCK DIAGRAM
VIN
ACT85411
FET
Controller
Buck1
Controller
Vref
COUT1
0.47-1µH
VFB1
PGND1
SW1
VBUS
VFB1
Buck2
Controller
Vref
COUT2
0.47-1µH
VFB2
SW2
VBUS
VFB2
VCC5
Regulator
Vref
CVCC5
10µH
VCC
SW5
VBUS (AVIN)
VCC
PGND2
PGND34
COUT
AGND
VBOOT1
VBUS
eFuse FETS
VBOOT2
Main Controller +
Health Monitor
Digital
Core
ADC
SDA
SCL
GPIO2
GPIO1
Buck /
Boost
Controller
Vref
CSTR
1.5µH
PGND_PLP
SWPLP
HSB
STR
STR
CBLK
RCOMP
VSPL
Blocking FET
CB3
COMP
GPIO4
GPIO3
GPIO6
GPIO5
Buck-Boost
Controller
Vref
4.7µH
SW4
SW3
VBUS
VBBST
PGND34
VBOOT3
VBOOT4
COUTBB
VBBST
3x22µF
3x22µF
10µF
10µF
10µF
10µF
10µF
10nF
10nF
10nF
10nF
PG_STR
PLI
EN/nDISCHG
CCOMP
LDO
VLDO
VAUX
(3.3V)
VCC5
Vref
FB
CIN
0.1µF
22µF
10µF
VGATE
SNSAMP
VSNINT
VCC5
REG
Vref
FB
VREGNTC
(GPIO1)
VCC5
SNSAMP
VSNEXT
VCC5
ISNS+ (GPIO4)
ISNS- (GPIO3)
VSNSINT / VSNSEXT
VIN
STR
VBUS
TJN_INT
VFB1
VREGNTC/GPIO1
VNTC/GPIO2
Figure 2: ACT85411 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com