Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8945A Datasheet(PDF) 1 Page - Qorvo, Inc

Part # ACT8945A
Description  Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8945A Datasheet(HTML) 1 Page - Qorvo, Inc

  ACT8945A Datasheet HTML 1Page - Qorvo, Inc ACT8945A Datasheet HTML 2Page - Qorvo, Inc ACT8945A Datasheet HTML 3Page - Qorvo, Inc ACT8945A Datasheet HTML 4Page - Qorvo, Inc ACT8945A Datasheet HTML 5Page - Qorvo, Inc ACT8945A Datasheet HTML 6Page - Qorvo, Inc ACT8945A Datasheet HTML 7Page - Qorvo, Inc ACT8945A Datasheet HTML 8Page - Qorvo, Inc ACT8945A Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
ACT8945A
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Data Sheet Rev. G, January 2020 | Subject to change without notice
1 of 46
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
FEATURES
• Three Step-Down DC/DC Converters
• Four Low-Dropout Linear Regulators
• Integrated ActivePath
TM Charger
• I
2CTM Serial Interface
• Advanced Enable/Disable Sequencing Controller
• Minimal External Components
• Tiny 5×5mm TQFN55-40 Package
− 0.75mm Package Height
− Pb-Free and RoHS Compliant
GENERAL DESCRIPTION
The ACT8945A is a complete, cost effective, highly-
efficient ActivePMTM power management solution,
optimized for the unique power, voltage- sequencing,
and control requirements of the Atmel SAMA5D3 series:
SAMA5D[31/33/34/35/36],
and
Atmel
SAM9
series:
SAM9G[15/25/35/45/46],
SAM9X[25/35], SAM9M[10/11],
SAM9N[11/12] processors. It is ideal for a wide range of
high performance portable handheld applications such as
human-machine interfaces, control panels, smart grid
infrastructures, network gateways, M2M systems, 2D
barcode scanners, barcode printers, machine
vision
equipment, as well as home and commercial building
automations, POS terminals, medical devices and white
goods. This device integrates the ActivePath
TM complete
battery charging and management system with seven
power supply channels.
This
device
features
three
step-down
DC/DC
converters and four low-noise, low-dropout linear
regulators, along with a complete battery charging
solution
featuring
the
advanced
ActivePath
TM
system-power selection function.
The
three
DC/DC
converters
utilize
a
high-
efficiency,
fixed-frequency
(2MHz),
current-mode
PWM control architecture that requires a minimum
number of external components. Two DC/DCs are
capable of supplying up to 1100mA of output
current, while the third supports up to 1200mA. All
four
low-dropout
linear
regulators
are
high-
performance, low-noise regulators that supply up to
320mA of output current.
The ACT8945A is available in a compact, Pb-Free
and RoHS-compliant TQFN55-40 package
TYPICAL APPLICATION DIAGRAM


Similar Part No. - ACT8945A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8945A ACTIVE-SEMI-ACT8945A Datasheet
779Kb / 42P
Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8945A ACTIVE-SEMI-ACT8945A Datasheet
779Kb / 42P
Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8945AQJ303-T ACTIVE-SEMI-ACT8945AQJ303-T Datasheet
779Kb / 42P
Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8945AQJ303-T ACTIVE-SEMI-ACT8945AQJ303-T Datasheet
779Kb / 42P
Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8945AQJ305-T ACTIVE-SEMI-ACT8945AQJ305-T Datasheet
1Mb / 44P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
More results

Similar Description - ACT8945A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
EVK-ACT8945AQJ303-T ACTIVE-SEMI-EVK-ACT8945AQJ303-T Datasheet
779Kb / 42P
Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8865 ACTIVE-SEMI-ACT8865 Datasheet
586Kb / 30P
Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8945A ACTIVE-SEMI-ACT8945A Datasheet
779Kb / 42P
Advanced PMU for Atmel SAMA5D3 Series & SAM9 Series Processors
Rev 2, 11-Feb-14
ACT8865 ACTIVE-SEMI-ACT8865_16 Datasheet
824Kb / 31P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
ACT8945A ACTIVE-SEMI-ACT8945A_16 Datasheet
1Mb / 44P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
ACT8946A ACTIVE-SEMI-ACT8946A Datasheet
1Mb / 37P
Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
EA8865QI305 ACTIVE-SEMI-EA8865QI305 Datasheet
828Kb / 31P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
EA8945AQJ305 ACTIVE-SEMI-EA8945AQJ305 Datasheet
1Mb / 44P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
EA8945AQJ405 ACTIVE-SEMI-EA8945AQJ405 Datasheet
1Mb / 44P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com