Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD176P4 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD176P4
Description  13-17 GHz 4-Bit Digital Phase Shifter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD176P4 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD176P4 Datasheet HTML 1Page - Qorvo, Inc CMD176P4 Datasheet HTML 2Page - Qorvo, Inc CMD176P4 Datasheet HTML 3Page - Qorvo, Inc CMD176P4 Datasheet HTML 4Page - Qorvo, Inc CMD176P4 Datasheet HTML 5Page - Qorvo, Inc CMD176P4 Datasheet HTML 6Page - Qorvo, Inc CMD176P4 Datasheet HTML 7Page - Qorvo, Inc CMD176P4 Datasheet HTML 8Page - Qorvo, Inc CMD176P4 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CMD176P4
13-17 GHz 4-Bit Digital Phase Shifter
Data Sheet Rev. B, Feb. 20, 2023 | Subject to change without notice
1 of 11
www.qorvo.com
®
Product Overview
The CMD176P4 is a GaAs MMIC 4-bit phase shifter
housed in a leadless 4x4 mm plastic surface mount
package. The CMD176P4 operates from 13 to 17 GHz
and provides 0 to 360 degrees of monotonic phase
coverage, with a LSB of 22.5 degrees. The device is
controlled with single bit positive logic of 0 or +3 V and
features an insertion loss of 8 dB and a phase error of ± 5
degrees. The CMD176P4 is a 50 ohm matched design
which eliminates the need for external DC blocks and RF
port matching.
Functional Block Diagram
Electrical Performance (Vctl = 0/+3 V, TA = 25 oC, F = 15 GHz)
Parameter
Min
Typ
Max
Units
Frequency Range
13 - 17
GHz
Insertion Loss
8
dB
Input Return Loss
18
dB
Output Return Loss
14
dB
Phase Error
+3 / -1
deg
Input P1dB
26
dBm
Input IP3
41
dBm
Key Features
• Low Phase Error
• Low Insertion Loss
• 360o Phase Shift, LSB = 22.5o
• Singe Bit Positive Logic
• Pb-Free RoHs Compliant 4x4 mm QFN Package
Ordering Information
Part No.
Description
CMD176P4
13-17 GHz 4-Bit Digital Phase Shifter,
100 Piece 7” Reel
CMD176P4-EVB
Evaluation Board


Similar Part No. - CMD176P4

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD176P4 MMIC-CMD176P4 Datasheet
550Kb / 11P
13-17 GHz 4-Bit Digital Phase Shifter
More results

Similar Description - CMD176P4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC543 HITTITE-HMC543_09 Datasheet
272Kb / 6P
22.5째 MMIC 4-BIT DIGITAL PHASE SHIFTER, 8 - 12 GHz
HMC543LC4B HITTITE-HMC543LC4B Datasheet
314Kb / 6P
22.5째 MMIC 4-BIT DIGITAL PHASE SHIFTER, 8 - 12 GHz
logo
M/A-COM Technology Solu...
MAPS-010143 MA-COM-MAPS-010143 Datasheet
618Kb / 6P
Digital Phase Shifter 4-Bit, 1.4 - 2.4 GHz
MAPS-010144 MA-COM-MAPS-010144 Datasheet
627Kb / 7P
Digital Phase Shifter 4-Bit, 2.3 - 3.8 GHz
MAPS-010145 MA-COM-MAPS-010145 Datasheet
672Kb / 6P
Digital Phase Shifter 4-Bit, 3.5 - 6.0 GHz
logo
Custom MMIC Design Serv...
CMD175P4 MMIC-CMD175P4 Datasheet
257Kb / 11P
2-4 GHz 5-Bit Digital Phase Shifter
CMD176P4 MMIC-CMD176P4 Datasheet
550Kb / 11P
13-17 GHz 4-Bit Digital Phase Shifter
logo
Qorvo, Inc
CMD175P4 QORVO-CMD175P4 Datasheet
257Kb / 11P
2-4 GHz 5-Bit Digital Phase Shifter
logo
Analog Devices
HMC543ALC4B AD-HMC543ALC4B Datasheet
726Kb / 7P
22.5째 MMIC 4-BIT DIGITAL PHASE SHIFTER, 8 - 12 GHz
logo
Qorvo, Inc
TGP2102 QORVO-TGP2102 Datasheet
362Kb / 9P
35 GHz 5-Bit Digital Phase Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com