Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTX166 Datasheet(PDF) 3 Page - Arm Limited (or its affiliates).

Part # RTX166
Description  Real-time operating systems for C166 devices
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

RTX166 Datasheet(HTML) 3 Page - Arm Limited (or its affiliates).

  RTX166 Datasheet HTML 1Page - Arm Limited (or its affiliates). RTX166 Datasheet HTML 2Page - Arm Limited (or its affiliates). RTX166 Datasheet HTML 3Page - Arm Limited (or its affiliates).  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Real-time operating systems for C166 devices
Copyright © 2022 Arm Ltd. All rights reserved
https://developer.arm.com/documentation/107724/latest
3
C166 RTOS Comparison Table
Key: ● Included
○ Not included
Product
ARTX-166
RTX166 Tiny
Kernel Source Code
●
●
Flash File System
●
○
TCP/IP Stack
●
○
Multitasking
Round-Robin
●
●
Preemptive
●
○
Cooperative
●
●
Task Specifications
Priority Levels
256
1
Defined Tasks (max)
256
32
Active Tasks (max)
256
32
Context Switch Time
< 25 µsec (At 20 MHz)
400 – 4,000 states
Interrupt Latency
0.2 µsec (At 20 MHz)
4.0 µsec (At 20 MHz)
Memory Requirements
CODE Space
4 Kbyte
1.5 Kbyte
RAM Space
≈ 500 byte min.
8 byte
+ 4 byte per task
Timers/Signals/Events
Timeouts
●
●
Intervals
●
●
User Timers (max.)
Unlimited
○
Signals
●
●
Signals (max.)
16 per task
1 per task
Timers Used
0 – 8
0 – 6
System Clock Divisor
1,000 – 4,000
250 – 65,535
Inter-Task Communication
Semaphores (Counting)
●
○
Semaphores (max.)
Unlimited
○
Mailboxes
●
○
Mailboxes (max.)
Unlimited
○
Mailbox Size
Unlimited (default: 20)
○



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com