Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRT2-ROS16 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # DRT2-ROS16
Description  Relay Output Remote I/O Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DRT2-ROS16 Datasheet(HTML) 1 Page - Omron Electronics LLC

  DRT2-ROS16 Datasheet HTML 1Page - Omron Electronics LLC DRT2-ROS16 Datasheet HTML 2Page - Omron Electronics LLC DRT2-ROS16 Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Smart Slaves with remote maintenance functions
now include Relay Output Terminals.
Smart Slaves
Relay Output
Remote I/O Terminal
DRT2-ROS16
The best for preventive maintenance.
Compatible with large-capacity output devices.
Functions
Contact operations counter
Unit ON time monitor function
Total ON time monitor function
Slave comment/connected device
comment function
Network power supply voltage monitor
Addition of Expansion I/O Units
Communications error log
Shared I/O and communications
power supply
Baud rate auto-detection
Smart Slave Functions
PLC
Personal
computer
Contact operations
counter monitor
Remote I/O Terminal
Relay Output Unit
Relays need
replacing soon.
Indicator light
Item
Mounted relay
Rated load
Rated carry current
Max. contact voltage
Max. contact current
Max. switching capacity
Min. applicable load (reference value)
Specification
DRTA-NY5W-K (5 VDC)
Resistive load; 2 A at 250 VAC, 8 A per common;
2 A at 30 VDC, 8 A per common
Note: The rated carrying current is 3 A maximum per contact with 10 A per common. But then there may not be
more than 4 contacts per common switch ON. The ambient temperature must be below 45
°C.
Slim power relays (5 mm width)
Item
Mechanical life
Electrical life
Life
20 million operations min.
100,000 operations min.
Life of Mounted Relays
Maintenance capabilities enhanced by replaceable relays.
Easy relay
replacement!
The slave
monitors the number of
times a relay has switched
and signals the PLC when
a set maximum is reached.
1
Easy-to-read Configurator
displays.
2
In-time preventive
maintenance
3
Note: Refer to the
Operation Manual
together with an Input Expansion Unit.
3 A (See note.)
250 VAC, 125 VDC
3 A
750 VAC, 90 VDC
5 VDC, 1 mA


Similar Part No. - DRT2-ROS16

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DRT2-ID16 OMRON-DRT2-ID16 Datasheet
1Mb / 8P
Smart DeviceNet Remote I/O Terminals
7/02
DRT2-ID16-1 OMRON-DRT2-ID16-1 Datasheet
1Mb / 8P
Smart DeviceNet Remote I/O Terminals
7/02
DRT2-ID16TA OMRON-DRT2-ID16TA Datasheet
285Kb / 4P
Transistor Remote I/O Terminals with 3-tier Terminal Blocks
2009.8
DRT2-ID16TA-1 OMRON-DRT2-ID16TA-1 Datasheet
285Kb / 4P
Transistor Remote I/O Terminals with 3-tier Terminal Blocks
2009.8
DRT2-MD16TA OMRON-DRT2-MD16TA Datasheet
285Kb / 4P
Transistor Remote I/O Terminals with 3-tier Terminal Blocks
2009.8
More results

Similar Description - DRT2-ROS16

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R30YN16C MSYSTEM-R30YN16C Datasheet
174Kb / 5P
Remote I/O R30 Series DISCRETE OUTPUT MODULE
R1M-D1 MSYSTEM-R1M-D1 Datasheet
317Kb / 10P
Remote I/O R1M Series CONTACT OUTPUT MODULE
R3-DC8 MSYSTEM-R3-DC8 Datasheet
134Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16C MSYSTEM-R3-DC16C Datasheet
119Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-DC16B MSYSTEM-R3-DC16B Datasheet
117Kb / 4P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-SDC8 MSYSTEM-R3-SDC8 Datasheet
149Kb / 5P
Remote I/O R3 Series DISCRETE OUTPUT MODULE
R3-RR8 MSYSTEM-R3-RR8 Datasheet
159Kb / 7P
Remote I/O R3 Series REMOTE CONTROL RELAY CONTROL MODULE
R8-PC4A MSYSTEM-R8-PC4A Datasheet
216Kb / 5P
Remote I/O R8 Series PULSE OUTPUT MODULE
R8-DCT4D MSYSTEM-R8-DCT4D Datasheet
215Kb / 4P
Remote I/O R8 Series RELAY OUTPUT MODULE
R8-DC4C MSYSTEM-R8-DC4C Datasheet
211Kb / 3P
Remote I/O R8 Series PHOTO MOSFET RELAY OUTPUT MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com