Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z-R81-M1TJ-IL2 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3Z-R81-M1TJ-IL2
Description  IO-Link Photoelectric Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R81-M1TJ-IL2 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3Z-R81-M1TJ-IL2 Datasheet HTML 4Page - Omron Electronics LLC E3Z-R81-M1TJ-IL2 Datasheet HTML 5Page - Omron Electronics LLC E3Z-R81-M1TJ-IL2 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R81-M1TJ-IL2 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R81-M1TJ-IL2 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R81-M1TJ-IL2 Datasheet HTML 9Page - Omron Electronics LLC E3Z-R81-M1TJ-IL2 Datasheet HTML 10Page - Omron Electronics LLC E3Z-R81-M1TJ-IL2 Datasheet HTML 11Page - Omron Electronics LLC E3Z-R81-M1TJ-IL2 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
E3Z
-@-IL@
8
Plugs (Sensor I/O Connectors)
Nomenclature
2
4
1
3
1
2
3
4
Brown
White
Blue
Black
Wire color
XS3F-M421-402-A
XS3F-M421-405-A
XS3F-M422-402-A
XS3F-M422-405-A
Through-beam Models (Receiver)
Retro-reflective Models
Diffuse-reflective Models
Pin arrangement
Classifi-
cation
Wire
color
Connector
pin No.
Application
DC
Brown
1
Power supply (+V)
White
2
Output DO
Blue
3
Power supply (0 V)
Black
4
Output C/Q
M8 connector
M12 connector
1
3
2
4
1
2
3
4
Brown
White
Blue
Black
Wire color
XS5F-D421-D80-F
XS5F-D421-G80-F
XS5F-D422-D80-F
XS5F-D422-G80-F
M8-M12 (Smartclick) conversion cable
1
2
3
4
1
2
3
4
2
4
1
3
2
4
1
3
XS3W-M42C-4C2-A
Terminal No.
Brown
White
Blue
Black
Wire color
Through-beam Models (Emitter)
Pin arrangement
Note: Pins 2 is not used.
Classifi-
cation
Wire
color
Connector
pin No.
Application
DC
Brown
1
Power supply (+V)
White
2
−
Blue
3
Power supply (0 V)
Black
4
Output C/Q
Through-beam Models
E3Z-T8
@-IL@ (Receiver)
Retro-reflective Models
E3Z-R8
@-IL@
Diffuse-reflective Models
E3Z-D8
@-IL@
E3Z-L8
@-IL@
In the Standard I/O mode (SIO mode):
Stability indicator (green)
In the IO-Link mode:
IO-Link communication indicator (green)
Operation selector
Operation indicator
(orange)
Sensitivity adjuster



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com