Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z-R86-IL2 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3Z-R86-IL2
Description  IO-Link Photoelectric Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R86-IL2 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3Z-R86-IL2 Datasheet HTML 1Page - Omron Electronics LLC E3Z-R86-IL2 Datasheet HTML 2Page - Omron Electronics LLC E3Z-R86-IL2 Datasheet HTML 3Page - Omron Electronics LLC E3Z-R86-IL2 Datasheet HTML 4Page - Omron Electronics LLC E3Z-R86-IL2 Datasheet HTML 5Page - Omron Electronics LLC E3Z-R86-IL2 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R86-IL2 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R86-IL2 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R86-IL2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
E3Z
-@-IL@
3
Mounting Brackets A Mounting Bracket is not enclosed with the Sensor. Order a Mounting Bracket separately if required.
Note:1. When using Through-beam models, order one bracket for the Receiver and one for the Emitter.
2. Refer to Mounting Brackets on E39-L/E39-S/E39-R on your OMRON website for details.
*1. Cannot be used for Standard Connector models with mounting surface on the bottom. In that case, use Pre-wired Connector models.
*2. Cannot be used for Standard Connector models.
Sensor I/O Connectors
(Models for Connectors and Pre-wired Connectors: A Connector is not provided with the Sensor. Be sure to order a Connector separately.)
Note:1. When using Through-beam models, order one connector for the Receiver and one for the Emitter.
2. Refer to Sensor I/O Connectors/Sensor Controllers on your OMRON website for details.
*1. Straight type/L-shape type combinations are also available.
*2. The connectors will not rotate after they are connected.
*3. The cable is fixed at an angle of 180° from the sensor emitter/receiver surface.
Appearance
Model (material)
Quantity
Remarks
Appearance
Model (material)
Quantity
Remarks
E39-L153
(SUS304) *1
1
Mounting Brackets
E39-L98
(SUS304) *2
1
Metal Protective Cover
Bracket
E39-L104
(SUS304) *1
1
E39-L150
(SUS304)
1
(Sensor adjuster)
Easily mounted to the
aluminum frame rails of
conveyors and easily
adjusted.
For left to right adjust-
ment
E39-L43
(SUS304) *2
1
Horizontal Mounting
Brackets
E39-L151
(SUS304)
1
E39-L142
(SUS304) *2
1
Horizontal Protective
Cover Bracket
E39-L44
(SUS304)
1
Rear Mounting Bracket
E39-L144
(SUS304) *2
1
Compact Protective
Cover Bracket (For E3Z
only)
Size
Type
Appearance
Cable length
Model
M12
Socket on one cable
end
2 m
XS5F-D421-D80-F
5 m
XS5F-D421-G80-F
2 m
XS5F-D422-D80-F
5 m
XS5F-D422-G80-F
Socket and plug on
cable ends *1
2 m
XS5W-D421-D81-F
5 m
XS5W-D421-G81-F
2 m
XS5W-D422-D81-F
5 m
XS5W-D422-G81-F
M8
Socket on one cable
end
2 m
XS3F-M421-402-A
5 m
XS3F-M421-405-A
2 m
XS3F-M422-402-A
5 m
XS3F-M422-405-A
M8 socket/
M12 plug
Socket and plug on
cable ends
0.2 m
XS3W-M42C-4C2-A
Smartclick connector
Straight *2
Smartclick connector
L-shape *2 *3
Smartclick connector
Straight/
Straight *2
Smartclick connector
L-shape/L-shape *2 *3
Straight *3
L-shape *3 *4
M8-M12 (Smartclick)
conversion cable *2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com