Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z-R81-IL3 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3Z-R81-IL3
Description  IO-Link Photoelectric Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-R81-IL3 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3Z-R81-IL3 Datasheet HTML 1Page - Omron Electronics LLC E3Z-R81-IL3 Datasheet HTML 2Page - Omron Electronics LLC E3Z-R81-IL3 Datasheet HTML 3Page - Omron Electronics LLC E3Z-R81-IL3 Datasheet HTML 4Page - Omron Electronics LLC E3Z-R81-IL3 Datasheet HTML 5Page - Omron Electronics LLC E3Z-R81-IL3 Datasheet HTML 6Page - Omron Electronics LLC E3Z-R81-IL3 Datasheet HTML 7Page - Omron Electronics LLC E3Z-R81-IL3 Datasheet HTML 8Page - Omron Electronics LLC E3Z-R81-IL3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
E3Z
-@-IL@
5
Engineering Data (Reference Value)
Parallel Operating Range
Through-beam Models
Through-beam Models
Retro-reflective Models
E3Z-T8
@-IL@
E3Z-T8
@-IL@ and Slit
(A Slit is mounted to the Emitter and
Receiver.)
E3Z-R8
@-IL@ and Reflector
Operating Range
Diffuse-reflective Models
Narrow-beam Reflective Models
E3Z-D8
@-IL@
E3Z-L8
@-IL@
Monitor Output vs. Sensing Distance
Through-beam Models
Retro-reflective Models
E3Z-T8
@-IL@
E3Z-R8
@-IL@ and E39-R1 Reflector
1000
800
600
400
200
0
−200
−400
−600
−800
−1000
40
30
20
10
Distance
X (m)
Y
X
250
200
150
100
50
0
−50
−100
−150
−200
−250
5
4
3
2
1
Distance
X (m)
E39-S65B
E39-S65C
E39-S65D
E39-S65E
E39-S65F
Y
X
Y
X
200
150
100
50
0
−50
−100
−150
−200
8
6
4
2
Distance X (m)
E39-R9
E39-R1S
E39-R1
E39-R10
E39-R2
E39-R1K
E39-R3
80
60
40
20
0
−20
−40
−60
−80
1.6
1.0
1.2
0.6
1.4
0.8
0.2
0.4
Distance
X (m)
Y
X
Sensing object: 300 × 300 mm white paper
Y
X
10
8
6
4
2
0
−2
−4
−6
−8
−10
Sensing object: 100
× 100 mm white paper
50
100
150
200
250
Distance
X (
mm)
280
260
240
220
200
180
160
140
120
100
80
60
40
20
05
15
10
20
25
30
45
35
40
50
Distance (m)
Sensitivity adjuster: 1/2
Sensitivity adjuster: MAX
Sensitivity
adjuster: 1/3
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
0.5
1.5
1.0
2.0 2.5 3.0
5.5
3.5 4.0 4.5 5.0
6.0
Distance (m)
Sensitivity
adjuster: 1/2
Sensitivity adjuster:
MAX
Sensitivity
adjuster: 1/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com