Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1S Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E39-R1S
Description  IO-Link Photoelectric Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1S Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E39-R1S Datasheet HTML 5Page - Omron Electronics LLC E39-R1S Datasheet HTML 6Page - Omron Electronics LLC E39-R1S Datasheet HTML 7Page - Omron Electronics LLC E39-R1S Datasheet HTML 8Page - Omron Electronics LLC E39-R1S Datasheet HTML 9Page - Omron Electronics LLC E39-R1S Datasheet HTML 10Page - Omron Electronics LLC E39-R1S Datasheet HTML 11Page - Omron Electronics LLC E39-R1S Datasheet HTML 12Page - Omron Electronics LLC E39-R1S Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
E3Z
-@-IL@
9
Safety Precautions
Be sure to read the precautions for all models in the website at: www.omron
247.com.
Warning Indications
Meaning of Product Safety Symbols
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
The maximum power supply voltage is 30 VDC.
Before turning the power ON, make sure that the
power supply voltage does not exceed the maximum
voltage.
Never use the product with an AC power supply.
Otherwise, explosion may result.
Do not use the product with voltage in excess of the
rated voltage.
Excess voltage may result in malfunction or fire.
Do not use the product above rated load.
Be sure to follow the safety precautions below for added safety.
1. Do not use the sensor under the environment with explosive or
ignition gas.
2. Never disassemble, repair nor tamper with the product.
1. Do not use the product under the following conditions.
(1) In the place exposed to the direct sunlight.
(2) In the place where humidity is high and condensation may
occur.
(3) In the place where vibration or shock is directly transmitted to
the product.
2. Connection and Mounting
(1) If the sensor wiring is placed in the same conduits or ducts as
high-voltage or high-power lines, inductive noise may cause
malfunction or damage. Wire the cables separately or use a
shielded cable.
(2) Use an extension cable less than 100 m long for Standard I/O
mode and less than 20 m for IO-Link mode.
(3) Do not exceed the following force values applied to the cable.
Tensile: 80 N max., torque: 0.1 Nm max., pressure: 20 N max.,
flexure: 3 kg max.
M8 metal connectors
(4) Fasten a fixed implement by hand. If you use pliers, it may
cause malfunction or damage to it.
3. Cleaning
Do not use thinner, alcohol, or other organic solvents. Otherwise,
the optical properties and degree of protection may be degraded.
4. Power supply
When using a commercially available switching regulator, be sure
to ground the FG (Frame Ground) terminals.
5. Power supply reset time
The photoelectric switch will begin sensing no later than 100 ms
after the power is turned on. If the load and the photoelectric
switch is connected to different power supply, the photoelectric
switch must be always turned on first.
6. Turning off the power supply
When turning off the power, output pulse may be generated. We
recommend turning off the power supply of the load or load line
first.
7. Water resistance
Though this is type IP67, do not use in the water, rain or outdoors.
8. Please process it as industrial waste.
WARNING
Warning level
Indicates a potentially hazardous situation which,
if not avoided, will result in minor or moderate injury,
or may result in serious injury or death. Additionally
there may be significant property damage.
Precautions
for Safe Use
Supplementary comments on what to do or avoid
doing, to use the product safely.
Precautions
for Correct Use
Supplementary comments on what to do or avoid
doing, to prevent failure to operate, malfunction or
undesirable effect on product performance.
General prohibition
Indicates the instructions of unspecified prohibited
action.
Caution, explosion
Indicates the possibility of explosion under specific
conditions.
Caution, fire
Indicates the possibility of fires under specific
conditions.
WARNING
Precautions for Safe Use
Precautions for Correct Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com