Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1K Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E39-R1K
Description  IO-Link Photoelectric Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1K Datasheet(HTML) 1 Page - Omron Electronics LLC

  E39-R1K Datasheet HTML 1Page - Omron Electronics LLC E39-R1K Datasheet HTML 2Page - Omron Electronics LLC E39-R1K Datasheet HTML 3Page - Omron Electronics LLC E39-R1K Datasheet HTML 4Page - Omron Electronics LLC E39-R1K Datasheet HTML 5Page - Omron Electronics LLC E39-R1K Datasheet HTML 6Page - Omron Electronics LLC E39-R1K Datasheet HTML 7Page - Omron Electronics LLC E39-R1K Datasheet HTML 8Page - Omron Electronics LLC E39-R1K Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
IO-Link Photoelectric Sensor
E3Z
-@-IL@
IO-Link Makes Sensor Level Information Visible and
Solves the Three Major Issues at Manufacturing Sites!
Standard Photoelectric Sensor.
• Downtime can be reduced.
• Notifies you of faulty parts and
changing conditions
in the Sensor in real time.
• The frequency of sudden failure can be decreased.
• The
incident light level monitor prevents false
detection before it happens.
• The efficiency of changeover can be improved.
• The batch check for individual sensor IDs significantly
decreases commissioning time.
• Three types of sensing methods and three types
of connection methods are available.
Ordering Information
IO-Link Model / Sensors [Refer to Dimensions on page 10.]
Note: Please contact your OMRON sales representative regarding the IO-Link setup file (IODD file).
*1. The Reflector is sold separately. Select the Reflector model most suited to the application.
*2. The sensing distance specified is possible when the E39-R1S is used. Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
*3. Through-beam Sensors are sold in sets that include both the Emitter and Receiver.
Sensing method
Appearance
Connection method
Sensing distance
Baud rate
Model
PNP
Through-beam
(Emitter + Receiver)
*3
Pre-wired (2 m)
COM2
E3Z-T81-IL2 2M
Pre-wired M12 connector
E3Z-T81-M1TJ-IL2 0.3M
Standard M8 connector
E3Z-T86-IL2
Pre-wired (2 m)
COM3
E3Z-T81-IL3 2M
Pre-wired M12 connector
E3Z-T81-M1TJ-IL3 0.3M
Standard M8 connector
E3Z-T86-IL3
Retro-reflective with
MSR function
*1
Pre-wired (2 m)
*2
COM2
E3Z-R81-IL2 2M
Pre-wired M12 connector
E3Z-R81-M1TJ-IL2 0.3M
Standard M8 connector
E3Z-R86-IL2
Pre-wired (2 m)
COM3
E3Z-R81-IL3 2M
Pre-wired M12 connector
E3Z-R81-M1TJ-IL3 0.3M
Standard M8 connector
E3Z-R86-IL3
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
Be sure to read Safety Precautions
on page 9.
Red light
Infrared light
15 m
4 m
(100 mm)
(When using E39-R1S)


Similar Part No. - E39-R1K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-R1K OMRON-E39-R1K Datasheet
1Mb / 17P
Compact Photoelectric Sensor with Stainless Steel Housing
2016.6
E39-R1K OMRON-E39-R1K Datasheet
1Mb / 18P
Compact Photoelectric Sensor with Stainless Steel Housing
07/10
E39-R1K OMRON-E39-R1K Datasheet
2Mb / 18P
Compact Photoelectric Sensor with Built-in Amplifier
11/14
More results

Similar Description - E39-R1K

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8086604 FESTO-8086604 Datasheet
89Kb / 2P
IO-Link Master
logo
WAGO Kontakttechnik Gmb...
750-657 WAGO-750-657 Datasheet
555Kb / 13P
IO-Link Master
logo
Pepperl+Fuchs Inc.
ICE1-8IOL-G30L-V1D PF-ICE1-8IOL-G30L-V1D Datasheet
857Kb / 4P
IO-Link master
ICE1-8IOL-G60L-V1D PF-ICE1-8IOL-G60L-V1D Datasheet
969Kb / 4P
IO-Link master
ICE1-8IOL-S2-G60L-V1D PF-ICE1-8IOL-S2-G60L-V1D Datasheet
601Kb / 3P
IO-Link master
logo
Maxim Integrated Produc...
MAXREFDES177 MAXIM-MAXREFDES177 Datasheet
1,017Kb / 17P
IO Link Universal Analog IO
MAXREFDES171 MAXIM-MAXREFDES171 Datasheet
373Kb / 10P
IO-LINK DISTANCE SENSOR
UG5863 MAXIM-UG5863 Datasheet
1Mb / 26P
MAXREFDES27# IO-Link Proximity Sensor Quick Start Guide
Rev 0; 4/14
REFD5819 MAXIM-REFD5819 Datasheet
998Kb / 11P
Santa Cruz (MAXREFDES23#): IO-Link Light Sensor
Feb 14, 2014
logo
Pepperl+Fuchs Inc.
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
IO-Link Master
2020-06-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com