Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E39-R3
Description  IO-Link Photoelectric Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E39-R3 Datasheet HTML 1Page - Omron Electronics LLC E39-R3 Datasheet HTML 2Page - Omron Electronics LLC E39-R3 Datasheet HTML 3Page - Omron Electronics LLC E39-R3 Datasheet HTML 4Page - Omron Electronics LLC E39-R3 Datasheet HTML 5Page - Omron Electronics LLC E39-R3 Datasheet HTML 6Page - Omron Electronics LLC E39-R3 Datasheet HTML 7Page - Omron Electronics LLC E39-R3 Datasheet HTML 8Page - Omron Electronics LLC E39-R3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
E3Z
-@-IL@
2
Note: Please contact your OMRON sales representative regarding the IO-Link setup file (IODD file).
Accessories (Sold Separately)
Slit (A Slit is not provided with Through-beam Sensors) Order a Slit separately if required.
Reflectors (Reflector required for Retroreflective Sensors) A Reflector is not provided with the Sensor. Be sure to order a Reflector separately.
Note:1. If you use the Reflector at any distance other than the rated distance, make sure that the stability indicator lights properly when you install the Sensor.
2. Refer to Reflectors on E39-L/E39-S/E39-R on your OMRON website for details.
* Values in parenthese indicate the minimum required distance between the Sensor and Reflector.
Sensing method
Appearance
Connection method
Sensing distance
Baud rate
Model
PNP
Diffuse-reflective
Pre-wired (2 m)
COM2
E3Z-D82-IL2 2M
Pre-wired M12 connector
E3Z-D82-M1TJ-IL2 0.3M
Standard M8 connector
E3Z-D87-IL2
Pre-wired (2 m)
COM3
E3Z-D82-IL3 2M
Pre-wired M12 connector
E3Z-D82-M1TJ-IL3 0.3M
Standard M8 connector
E3Z-D87-IL3
Pre-wired (2 m)
COM2
E3Z-L81-IL2 2M
Pre-wired M12 connector
E3Z-L81-M1TJ-IL2 0.3M
Standard M8 connector
E3Z-L86-IL2
Pre-wired (2 m)
COM3
E3Z-L81-IL3 2M
Pre-wired M12 connector
E3Z-L81-M1TJ-IL3 0.3M
Standard M8 connector
E3Z-L86-IL3
Slit width
Sensing distance
Minimum detectable object
(Reference value)
Model
Contents
E3Z-T
@@
0.5-mm dia.
50 mm
0.2-mm dia.
E39-S65A
One set
(contains Slits for both the
Emitter and Receiver)
1-mm dia.
200 mm
0.4-mm dia.
E39-S65B
2-mm dia.
800 mm
0.7-mm dia.
E39-S65C
0.5
× 10 mm
1 m
0.2-mm dia.
E39-S65D
1
× 10 mm
2.2 m
0.5-mm dia.
E39-S65E
2
× 10 mm
5 m
0.8-mm dia.
E39-S65F
Name
Sensing distance *
Model
Quantity
Remarks
E3Z-R
Rated value
Reference value
Reflector
3 m (100 mm)
---
E39-R1
1
• Reflectors are not
provided with
Retro-reflective
models.
• The MSR function of
the E3Z-R
@ is
enabled.
4 m (100 mm)
---
E39-R1S
1
---
5 m (100 mm)
E39-R2
1
---
2.5 m (100 mm)
E39-R9
1
---
3.5 m(100 mm)
E39-R10
1
Fog Preventive Coating
---
3 m (100 mm)
E39-R1K
1
Small Reflector
---
1.5 m (50 mm)
E39-R3
1
Tape Reflector
---
700 mm (150 mm)
E39-RS1
1
---
1.1 m (150 mm)
E39-RS2
1
---
1.4 m (150 mm)
E39-RS3
1
Red light
Infrared light
1 m
90 mm
(narrow beam)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com